| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GS2107 bảng dữ liệu(PDF) 39 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
GS2107 bảng dữ liệu(HTML) 39 Page - Mitsubishi Electric Semiconductor |
|
39 / 252 page ![]() 5.2 EMC Directive Requirements 5 - 5 5 5.2.5 Fabricating a connection cable Fabricate the cables used for the GOT by the methods as shown in this section. The fabrication requires a ferrite core, cable clamp, and cable shielding materials. The following products have passed the Mitsubishi EMC Directive compliance test. • ZCAT3035-1330 ferrite core (TDK Corporation) • AD75CK-type cable clamp (Mitsubishi Electric Corporation) ■1. Ethernet connection (1) Ethernet cable Strip off the sheath at both ends of the cable as shown in the figure below to expose braided shield for grounding. The braided shield sections are used for grounding with a cable clamp. ➠ 5.2.6 Grounding a cable • Connecting to the Ethernet interface of the GOT ■2. Direct CPU connection (1) RS-232 cable and RS-422 cable Install a ferrite core to the cable in the positions as shown in the figure below. ■3. Computer link connection (1) RS-232 cable and RS-422 cable Strip off the sheath at both ends of the cable as shown in the figure below to expose braided shield sections for grounding.The braided shield sections are used for grounding with a cable clamp. ➠ 5.2.6 Grounding a cable Personal computer side GOT side 230or less 40 40 400or less (9.06) (1.57) (1.57) (9.06) Unit: mm (inch) Ferrite core (ZCAT3035-1330) 120 or less (4.72) 120 or less (4.72) PLC side GOT s ide 230 or less 40 40 400 or less (9.06) (1.57) (1.57) (9.06) Unit: mm (inch) Ferrite core (ZCAT3035-1330) Finishing of wearing 120 or less (4.72) 120 or less (4.72) 100 or less Ferrite core (ZCAT3035-1330) 100 or less (3.94) 230 or less 40 40 (9.06) (1.58) (1.58) 230 or less (9.06) (3.94) GOT side PLC CPU side Unit: mm (inch) |