| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7830281 bảng dữ liệu(PDF) 13 Page - CommScope Inc. |
|
|
|||||||||||||||||||||||||||||
7830281 bảng dữ liệu(HTML) 13 Page - CommScope Inc. |
|
13 / 24 page ![]() 11 ERA Ordering Guide For North America ERA Carrier Access Point Low Power ERA Carrier Access Point (CAP) feature external antenna ports for performance, aesthetics and signal shaping; and allow embedded MIMO support to deliver top data speeds. Features • Up to 21 dBm power to economically cover large indoor and outdoor spaces • Outdoor and plenum ratings to allow widest variety of deployment scenarios • Copper or fiber connections to suit short or long cable runs • Power over CAT cable or remote power through hybrid fiber support • Daisy-chaining capability for secondary CAP or other IP device such as a Wi-Fi access point or IP security camera Ordering Information Description Network Connection Powered Fan Kit Product Code CommScope Material ID CAP L - Carrier Access Point for Low Power 4-Band Support AWS 1700 MIMO and WCS 2300 MIMO Applications Copper Fed Power Over CAT Without Fan Kit CAP L 17E/17E/23/23 C-PE 7770203-0004 Fiber Fed External DC Without Fan Kit CAP L 17E/17E/23/23 F-DC 7770203-0006 AWS 1700 MIMO and PCS 1900 MIMO Applications Copper Fed Power Over CAT Without Fan Kit CAP L 17E/17E/19/19 C-PE 7770356-0004 Fiber Fed External DC Without Fan Kit CAP L 17E/17E/19/19 F-DC 7770356-0006 USA 700, USA 750, SMR 800, CEL 850, AWS 1700 and PCS 1900 Applications Copper Fed Power Over CAT Without Fan Kit CAP L 7/80-85/17E/19 C-PE 7776596-0004 Fiber Fed External DC Without Fan Kit CAP L 7/80-85/17E/19 F-DC 7776596-0006 AWS 1700 MIMO, PCS 1900, WCS 2300 and TDD 2500 Applications Copper Fed Power Over CAT Without Fan Kit CAP L 17E/19/23/25 C-PE 7776597-0004 Fiber Fed External DC Without Fan Kit CAP L 17E/19/23/25 F-DC 7776597-0006 |