công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GLZ1AD bảng dữ liệu(PDF) 15 Page - Honeywell Solid State Electronics Center

tên linh kiện GLZ1AD
Giải thích chi tiết về linh kiện  Interactive Catalog Supplements Catalog PDFs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

GLZ1AD bảng dữ liệu(HTML) 15 Page - Honeywell Solid State Electronics Center

Back Button GLZ1AD Datasheet HTML 11Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 12Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 13Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 14Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 15Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 16Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 17Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 18Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 19Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Limit and Enclosed Switches
Additional Lever Types
A24
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
For use with all Side Rotary Head Style.
Figure 1 illustrates Miniature Din lever types conforming to EN 50047 while Figure 2
illustrates Standard Din lever types which conform to EN 50041.
All dimensions are in mm/(inches).
GLC, GLD, GLE (EN 50047)
Side Rotary Roller Lever
A1A Plastic Roller
A1B Metal Roller
Side Rotary Adjustable Lever
A2A Plastic Roller
A2B Metal Roller
Side Rotary Adjustable Rod
A4J Metal Rod Head
Offset Side Rotary Roller Lever
A5A Plastic Roller
A5B Metal Roller Head
Side Rotary Conveyor Lever
A9A Ceramic Roller
Figure 1
GLA, GLB, GLF, GLH, GLG, GLJ (EN 50041)
Side Rotary Roller Lever
A1A Plastic Roller
A1B Metal Roller
Side Rotary Adjustable Lever
A2A Plastic Roller
A2B Metal Roller
Offset Side Rotary Roller Lever
A5A – Plastic Roller
A5B – Metal Roller
Side Rotary Adjustable Rod
A4J Metal Rod Head
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20