| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MTR2812DF/883 bảng dữ liệu(PDF) 15 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MTR2812DF/883 bảng dữ liệu(HTML) 15 Page - Interpoint Corporation Company |
|
15 / 16 page ![]() 11 MTR SERIES 30 WATT DC/DC CONVERTERS 0.155 (3.94) 0.955 (24.26) 0.040 dia (1.02) Platform Seam Seal 0.000 1.110 (28.19) 12 6 10 345 7 8 9 0.555 (14.1) Dot on top of case indicates pin one MTR Series Dual 0.162 dia (4.11) 1 2 345 0.000 1.110 (28.19) 1.035 (26.30) 0.555 (14.1) Dot on top of case indicates pin one 6 10 7 8 9 0.040 dia (1.02) 0.155 (3.94) 0.075 (1.90) 0.955 (24.26) Seam Seal Bathtub MTR Series Dual Alternate Case 0.162 dia (4.11) Figure 40 continued: BOTTOM VIEW CASE K3 0.155 (3.94) 0.955 (24.26) 0.040 dia (1.02) Solder Seal Solder Tip-off 0.000 1.115 (28.32) 12 6 10 Flanged cases: Designator "F" required in Case Option position of model number. MTR Series Dual: Screening – Standard or ES BOTTOM VIEW CASE K5 345 7 8 9 0.555 (14.1) Squared corner and dot on top of case indicate pin one. 0.162 dia (4.11) FIGURE 41: CASE K5 FIGURE 40: CASE K3 CONTINUED |