công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTR2818SF/883 bảng dữ liệu(PDF) 2 Page - Interpoint Corporation Company

tên linh kiện MTR2818SF/883
Giải thích chi tiết về linh kiện  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERPOINT [Interpoint Corporation Company]
Trang chủ  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR2818SF/883 bảng dữ liệu(HTML) 2 Page - Interpoint Corporation Company

  MTR2818SF/883 Datasheet HTML 1Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 2Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 3Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 4Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 5Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 6Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 7Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 8Page - Interpoint Corporation Company MTR2818SF/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SINGLE OUTPUT MODELS
MTR283R3S
MTR2805S
MTR2812S
MTR2815S
MTR2818S
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
3.27
3.30
3.33
4.95
5.00
5.05 11.88 12.00 12.12 14.85 15.00 15.15 17.82 18.00 18.18
VDC
OUTPUT CURRENT1
VIN = 16 to 40 VDC
0
––
6.06
0
—
5.0
0
—
2.5
0
—
2.0
0
—
1.67
A
OUTPUT POWER1
VIN = 16 to 40 VDC
0
—
20
0
—
25
0
—
30
0
—
30
0
—
30
W
OUTPUT RIPPLE
10 kHz – 2 MHz
—
15
40
—
35
50
—
25
50
—
25
50
—
—
40
mV p-p
VOLTAGE
Tc = –55°C TO +125°C
—
—
50
—
50
90
—
40
90
—
40
90
—
—
90
LINE REGULATION2
Vin = 16 to 40 VDC
—
5
10
—
10
30
—
10
30
—
10
30
—
—
30
mV
Tc = –55°C TO +125°C
—
—
10
—
15
50
—
15
50
—
15
50
—
—
50
LOAD REGULATION
NO LOAD TO FULL
—
2
10
—
5
30
—
5
30
—
5
30
—
—
30
mV
Tc = –55°C TO +125°C
—
—
10
—
15
50
—
15
50
—
15
50
—
—
50
INPUT VOLTAGE1
CONTINUOUS
16
28
40
16
28
40
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 50 ms
—
—
50
—
—
50
—
—
50
—
—
50
—
—
50
V
INPUT CURRENT1
NO LOAD
—
30
75
—
35
75
—
35
75
—
35
75
—
—
50
mA
FULL LOAD
—
0.94
—
—
1.15
—
—
1.30
—
—
1.25
—
—
1.33
—
A
INHIBITED
—
7
8
—
3
8
—
3
8
—
3
8
—
—
8
mA
INPUT RIPPLE
10 kHz – 10 MHz
CURRENT
Tc = –55°C TO +125°C
—
25
50
—
20
50
—
20
50
—
20
50
—
—
50
mA p-p
EFFICIENCY
74
76
—
76
78
—
80
83
—
81
84
—
81
—
—
%
LOAD FAULT3
SHORT CIRCUIT
POWER DISSIPATION
—
—
10
—
—
10
—
—
10
—
—
10
—
—
10
W
RECOVERY1, 4
—
1.4
6
—
1.4
5
—
1.4
5
—
1.4
5
—
1.4
—
ms
STEP LOAD RESP.
50% – 100% – 50%
TRANSIENT
—
±125 ±250
—
±200 ±300
—
±250 ±400
—
±350 ±500
—
—
±600
mV pk
RECOVERY4
—
—
200
—
60
200
—
60
200
—
60
200
—
60
—
µs
STEP LINE RESP.
16 – 40 – 16 VDC
TRANSIENT5
—
—
±300
—
±200 ±300
—
±400 ±500
—
±500 ±600
—
±500
—
mV pk
RECOVERY4
—
—
300
—
—
300
—
—
300
—
—
300
—
300
—
µs
START-UP1
DELAY
—
1.4
5
—
1.4
5
—
1.4
5
—
1.4
5
—
—
5
ms
OVERSHOOT
FULL LOAD
—
0
50
—
0
50
—
0
120
—
0
150
—
0
—
mV pk
NO LOAD
—
33
150
—
50
250
—
120
600
—
150
750
—
—
—
TYPICAL CHARACTERISTICS
SYNC AND INHIBIT
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
Input Voltage
• 16 to 40 VDC
Output Power
• 25 to 30 watts depending on model
Lead Soldering Temperature (10 sec per pin)
• 300°C
Storage Temperature Range (Case)
• –65°C to +135°C
90
MTR SERIES
30 WATT
DC/DC CONVERTERS
Output Voltage Temperature Coefficient
• 100 ppm/°C typical single and dual outputs
• 200 ppm/°C main, 300 ppm/°C aux
triple output
Input to Output Capacitance
• 50 pF typ (100 pF typ triple outputs)
Current Limit
• 115% of full load typical
Isolation
• 100 megohm minimum at 500 V
Audio Rejection
• 40 dB typ (50 dB typ triple output)l
Conversion Frequency
• Free run 550 min, 600 typ, 650 max kHz
• External sync 500 to 675 kHz
Inhibit Pin Voltage (unit enabled)
• 9 to 11 V
Input Voltage Range
• 16 to 40 VDC continuous
• 50 V for 50 msec transient
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derating Output Power/Current
• Linearly from 100% at 125°C to 0% at 135°C
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Sync (500 to 675 kHz)
• Duty cycle 40% min, 60% max
• Logic low 0.8 V max
• Logic high 4.5 V min, 5 V max
• Referenced to input common
• If not used, connect to input common
Inhibit TTL Open Collector
• Logic low (output disabled)
Voltage
≤0.8 V
Inhibit pin current 8.0 mA max
• Referenced to input common
• Logic high (output enabled)
Open collector
Notes
1. Tc = –55°C to +125°C
2. Operation is limited below 16V (see Figure 22).
3. Indefinite short circuit protection not guaranteed above 125°C case.
4. Recovery time is measured from application of the transient to point at which
Vout is within 1% of final value.
5. Transition time
≥10 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16