công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTR2815SF/883 bảng dữ liệu(PDF) 14 Page - Interpoint Corporation Company

tên linh kiện MTR2815SF/883
Giải thích chi tiết về linh kiện  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERPOINT [Interpoint Corporation Company]
Trang chủ  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR2815SF/883 bảng dữ liệu(HTML) 14 Page - Interpoint Corporation Company

Back Button MTR2815SF/883 Datasheet HTML 8Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 9Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 10Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 11Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 12Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 13Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 14Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 15Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 16Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
10
MTR SERIES
30 WATT
DC/DC CONVERTERS
1
2
345
0.000
1.110 (28.19)
1.035 (26.30)
0.555 (14.1)
Dot on top of case indicates pin one
1
2
345
0.000
1.110 (28.19)
0.555 (14.1)
Dot on top of case indicates pin one
Flanged cases: Designator (F) required in Case Option position of model number.
MTR Series Single and Dual: Screening – Standard, ES, or 883
Note: Do ensure timely delivery of product the MTR Series will be built using the most
readily available of the cases illustrated below. Also, the MTR Dual, with standard or ES
screening, may also be built in case K5.
BOTTOM VIEW CASE K3
6
10
7
8
9
0.040 dia
(1.02)
0.155 (3.94)
0.075 (1.90)
0.955 (24.26)
Seam Seal
6
10
7
8
9
0.040 dia
(1.02)
0.155 (3.94)
0.955 (24.26)
Platform
Seam Seal
Bathtub
MTR Series Single Alternate Case
0.162 dia
(4.11)
MTR Series Single
0.162 dia
(4.11)
FIGURE 40: CASE K3
(CONTINUED ON NEXT PAGE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16