| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MTR2805SF/883 bảng dữ liệu(PDF) 14 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MTR2805SF/883 bảng dữ liệu(HTML) 14 Page - Interpoint Corporation Company |
|
14 / 16 page ![]() 10 MTR SERIES 30 WATT DC/DC CONVERTERS 1 2 345 0.000 1.110 (28.19) 1.035 (26.30) 0.555 (14.1) Dot on top of case indicates pin one 1 2 345 0.000 1.110 (28.19) 0.555 (14.1) Dot on top of case indicates pin one Flanged cases: Designator (F) required in Case Option position of model number. MTR Series Single and Dual: Screening – Standard, ES, or 883 Note: Do ensure timely delivery of product the MTR Series will be built using the most readily available of the cases illustrated below. Also, the MTR Dual, with standard or ES screening, may also be built in case K5. BOTTOM VIEW CASE K3 6 10 7 8 9 0.040 dia (1.02) 0.155 (3.94) 0.075 (1.90) 0.955 (24.26) Seam Seal 6 10 7 8 9 0.040 dia (1.02) 0.155 (3.94) 0.955 (24.26) Platform Seam Seal Bathtub MTR Series Single Alternate Case 0.162 dia (4.11) MTR Series Single 0.162 dia (4.11) FIGURE 40: CASE K3 (CONTINUED ON NEXT PAGE) |