công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTR283R3SF/883 bảng dữ liệu(PDF) 13 Page - Interpoint Corporation Company

tên linh kiện MTR283R3SF/883
Giải thích chi tiết về linh kiện  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERPOINT [Interpoint Corporation Company]
Trang chủ  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR283R3SF/883 bảng dữ liệu(HTML) 13 Page - Interpoint Corporation Company

Back Button MTR283R3SF/883 Datasheet HTML 8Page - Interpoint Corporation Company MTR283R3SF/883 Datasheet HTML 9Page - Interpoint Corporation Company MTR283R3SF/883 Datasheet HTML 10Page - Interpoint Corporation Company MTR283R3SF/883 Datasheet HTML 11Page - Interpoint Corporation Company MTR283R3SF/883 Datasheet HTML 12Page - Interpoint Corporation Company MTR283R3SF/883 Datasheet HTML 13Page - Interpoint Corporation Company MTR283R3SF/883 Datasheet HTML 14Page - Interpoint Corporation Company MTR283R3SF/883 Datasheet HTML 15Page - Interpoint Corporation Company MTR283R3SF/883 Datasheet HTML 16Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
9
MTR SERIES
30 WATT
DC/DC CONVERTERS
Materials
Header Case K3
Cold Rolled Steel/Nickel/Gold
Case K8
Cold Rolled Steel/Nickel/Tin
Cover
Case K3
Kovar/Nickel
Case K8
Cold Rolled Steel/Nickel/Tin
Pins
#52 alloy (all cases)
Case K3
ceramic seal
Case K8
compression glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.2) for two decimal places
unless otherwise specified
CASE K
BOTTOM VIEW
See Figures 40 and 41
for pin configuration
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
Flange Thickness:
Case K3 0.060 (1.52)
Case K5 0.067 +0.005/-0.007 (1.70 +0.13/-0.8)
1.125 max
(28.58)
2.910 max
(73.91)
Dot on top of case indicates pin one
FIGURE 39: CASE K MAXIMUM DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16