| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MRH2815SF/ES bảng dữ liệu(PDF) 8 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MRH2815SF/ES bảng dữ liệu(HTML) 8 Page - Interpoint Corporation Company |
|
8 / 9 page ![]() B8-24 CASE J CASES 0.040 dia. (1.02) 0.173 (4.39) 0.000 1.173 (29.79 0.673 (17.09) Flanged case: Designator required in Case Option position of model number. HUM-40 Module: Screening – Standard or ES BOTTOM VIEW CASE J2 10 9876 12345 HUM-40 Module Solder Seal Solder Tip-off Squared corner and dot on top of case indicate pin one. FIGURE 37: CASE J2 0.040 dia. (1.02) 10 9 8 7 6 123 4 5 0.173 (4.39) 0.000 1.173 (29.79 0.673 (17.09) 0.162 dia (4.11) Flanged case: Designator required in Case Option position of model number. MRH Series: Screening – Standard or ES BOTTOM VIEW CASE J3 Solder Seal Solder Tip-off Squared corner and dot on top of case indicate pin one. FIGURE 38: CASE J3 |