công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DVSA2800D bảng dữ liệu(PDF) 2 Page - Delta Electronics, Inc.

tên linh kiện DVSA2800D
Giải thích chi tiết về linh kiện  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DELTA [Delta Electronics, Inc.]
Trang chủ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVSA2800D bảng dữ liệu(HTML) 2 Page - Delta Electronics, Inc.

  DVSA2800D Datasheet HTML 1Page - Delta Electronics, Inc. DVSA2800D Datasheet HTML 2Page - Delta Electronics, Inc. DVSA2800D Datasheet HTML 3Page - Delta Electronics, Inc. DVSA2800D Datasheet HTML 4Page - Delta Electronics, Inc. DVSA2800D Datasheet HTML 5Page - Delta Electronics, Inc. DVSA2800D Datasheet HTML 6Page - Delta Electronics, Inc. DVSA2800D Datasheet HTML 7Page - Delta Electronics, Inc. DVSA2800D Datasheet HTML 8Page - Delta Electronics, Inc. DVSA2800D Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DVSA2800D Series
1X002DSG
2
SPECIFICATIONS (T
CASE = -55°C to +125°C, VIN = +28V ± 5%, Full Load
5, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Junction Temperature Rise to Case
+10°C
Input Voltage (Transient, 1 second)
80 Volts
Storage Temperature
-65°C to +150°C
Output Power
1
6 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +125°C)
2.5 Watts
Weight (Maximum)
15 Grams
DVSA2805D
DVSA2812D
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
STATIC
Continuous
15
28
50
15
28
50
V
INPUT
Voltage
4
Transient, 1 sec
-
-
80
-
-
80
V
Inhibited
-
-
6
-
-
6
mA
Current
No Load
-
30
60
-
30
60
mA
Ripple Current
Full Load
5, 20Hz to 10MHz
-
30
50
-
30
50
mAp-p
Inhibit Pin Input
4
0
-
1.5
0
-
1.5
V
Inhibit Pin Open Circuit Voltage
4
9.0
11.0
13.0
9.0
11.0
13.0
V
UVLO Turn On
12.0
-
14.8
12.0
-
14.8
V
UVLO Turn Off
4
11.0
-
14.5
11.0
-
14.5
V
+VOUT
TCASE = 25°C
4.95
5.0
5.05
11.88
12.0
12.12
V
+VOUT
TCASE = -55°C to +125°C
4.925
5.0
5.075
11.82
12.0
12.18
V
-VOUT
TCASE = 25°C
4.80
5.0
5.20
11.80
12.0
12.20
V
OUTPUT
Voltage
5
-VOUT
TCASE = -55°C to +125°C
4.75
5.0
5.25
11.52
12.0
12.48
V
Total
0
-
5
0
-
6
W
Power
3,6
±VOUT
Either Output
0
-
3.5
0
-
4.2
W
Current
3,6
±VOUT
Either Output
0
-
0.7
0
-
0.35
A
Ripple Voltage
±VOUT
Full Load
5, 20Hz to 10MHz
-
-
50
-
-
50
mVp-p
+VOUT
VIN = 16V to 40V
-
10
20
-
10
20
mV
Line Regulation
-VOUT
VIN = 16V to 40V
-
50
200
-
50
200
mV
+VOUT
No Load to Full Load
5
-
10
50
-
10
50
mV
Load Regulation
-VOUT
No Load to Full Load
5,7
-
50
200
-
50
200
mV
Cross Regulation
-VOUT
+Load 70%, -Load 30%
+Load 30%, -Load 70%
-
-
450
-
-
450
mV
EFFICIENCY
Full Load
5
66
72
-
72
77
-
%
Overload
4
-
-
3
-
-
3
W
LOAD FAULT POWER DISSIPATION
Short Circuit
-
-
3
-
-
3
W
CAPACITIVE LOAD
4
Either Output
-
-
500
-
-
500
µF
SWITCHING FREQUENCY
350
450
500
350
450
500
kHz
ISOLATION
500 VDC, TCASE = 25°C
100
-
-
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
AIF @ TC = 55°C
-
457
-
-
457
-
kHrs
See notes next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com