| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B7AH-R6D58 bảng dữ liệu(PDF) 41 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
B7AH-R6D58 bảng dữ liệu(HTML) 41 Page - Omron Electronics LLC |
|
41 / 121 page ![]() B7A B7A 39 B7A-series Models with PLC Connectors and Connecting PLCs Input Model I/O points I/O delay Input configuration C200H C500 CQM1 MD115 MD215 OD215 OD218 OD219 MD211CN OD415CN OD213 OD213 B7A-T6E3 16 Normal speed NPN compatible Yes Yes Yes --- --- Yes Yes --- --- B7A-T6E8 High speed Yes Yes Yes --- --- Yes Yes --- --- B7A-T3E3 32 Normal speed --- --- --- Yes Yes --- --- Yes Yes B7A-T3E8 High speed --- --- --- Yes Yes --- --- Yes Yes Output Model I/O points I/O delay Error processing C200H C500 CQM1 MD115 MD215 ID215 ID216 ID217 ID218CN MD211CN ID114 ID219 ID213 B7A-R6A13 16 Normal d HOLD Yes Yes Yes --- --- Yes Yes --- --- --- B7A-R6A33 Normal speed LOAD OFF Yes Yes Yes --- --- Yes Yes --- --- --- B7A-R6A18 High d HOLD Yes Yes Yes --- --- Yes Yes --- --- --- B7A-R6A38 High speed LOAD OFF Yes Yes Yes --- --- Yes Yes --- --- --- B7A-R3A13 32 Normal d HOLD --- --- --- Yes Yes --- --- Yes Yes Yes B7A-R3A33 Normal speed LOAD OFF --- --- --- Yes Yes --- --- Yes Yes Yes B7A-R3A18 High d HOLD --- --- --- Yes Yes --- --- Yes Yes Yes B7A-R3A38 High speed LOAD OFF --- --- --- Yes Yes --- --- Yes Yes Yes Connection with PLC • Connect the B7A Output Unit incorporating a connector to the Input Unit for the PLC. • Connect the B7A Input Unit incorporating a connector to the Output Unit for the PLC. IN IN OUT OUT OUT IN PLC input Unit B7A PLC connector model Limit switch, proximity sensor, or photoelectric sensor PLC Output Unit B7A PLC connector model Indicator or valve |