| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AC162079 bảng dữ liệu(PDF) 50 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC162079 bảng dữ liệu(HTML) 50 Page - Microchip Technology |
|
50 / 78 page ![]() Optional Debug Headers DS51292T-page 50 2006-2012 Microchip Technology Inc. AC244026, AC244027 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting different ICE/ICD devices. To identify this debug header, use the following information. Header Setup and Operation - AC244026 This Processor Extension Pak provides extra debugging capability not available on PIC16F727 production devices: • 3 Address / Data breakpoints (1 Address only breakpoint on production devices) • Data capture (Real Time Data Streaming) • No user Flash resources needed for debugging • No user RAM resources needed for debugging • No user pins required This header has jumpers available for MCLR pull-up and power LED control. Additionally, this header has jumpers related to the LDO voltage regulator. Depending on the device pin used for this function, you would use either J4 (RA0), J5 (RA5) or J6 (RA6) for Vcap selection. For details on the voltage regulator, see the PIC16F72X/PIC16LF72X Data Sheet (DS41341). Header ICE/ICD Device Board Assembly Number AC244026 PIC16F727-ICE 02-02105 AC244027 PIC16LF727-ICE Jumper Setting Function J2 Open Disable weak ICE MCLR pull-up resistor. Short Enable weak ICE MCLR pull-up resistor. This option keeps the target program running even after the tool has been disconnected from the header, i.e., the pin will not float high. J3 Open Disable power LED indicator. This option saves power. Short Enable power LED indicator. Jumper Setting Function J4, J5, or J6 Open Use only target capacitance for Vcap. This is the standard configuration. Short Use both on-board and target capacitance for Vcap. This option is to provide extra margin for the voltage regulator stability/regulation in cases where there is a long lead length between the emulation header Vcap pin and the target Vcap pin. (As examples, when using long-pin DIP transition sockets or certain QFN transition sockets.) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |