công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AC244033 bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện AC244033
Giải thích chi tiết về linh kiện  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC244033 bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button AC244033 Datasheet HTML 2Page - Microchip Technology AC244033 Datasheet HTML 3Page - Microchip Technology AC244033 Datasheet HTML 4Page - Microchip Technology AC244033 Datasheet HTML 5Page - Microchip Technology AC244033 Datasheet HTML 6Page - Microchip Technology AC244033 Datasheet HTML 7Page - Microchip Technology AC244033 Datasheet HTML 8Page - Microchip Technology AC244033 Datasheet HTML 9Page - Microchip Technology AC244033 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
Debug Header Specification
DS51292T-page 6
 2006-2012 Microchip Technology Inc.
CALIBRATION BITS
The calibration bits for the band gap and internal oscillator are always preserved to their
factory settings.
PERFORMANCE ISSUES
The PIC® MCU devices do not support partial program memory erase; therefore, users
may experience slower performance than with other devices.
Also, see either the in-circuit emulator or the in-circuit debugger Help file for information
on specific device limitations that may affect performance.
RELATED DEBUG TOOLS
The following tools support the use of headers:
• MPLAB REAL ICE In-Circuit Emulator
• MPLAB ICD 2 or 3 In-Circuit Debugger
• PICkit 2 or 3 Debug Express
See the Microchip website (http://www.microchip.com) for the latest documentation.
CUSTOMER SUPPORT
Users of Microchip products can receive assistance through several channels:
• Distributor or Representative
• Local Sales Office
• Field Application Engineer (FAE)
• Technical Support
Customers should contact their distributor, representative or field application engineer
(FAE) for support. Local sales offices are also available to help customers.
Technical support is available through the web site at: http://support.microchip.com.
Documentation errors or comments may be sent to docerrors@microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78