công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AC162078 bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện AC162078
Giải thích chi tiết về linh kiện  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162078 bảng dữ liệu(HTML) 5 Page - Microchip Technology

  AC162078 Datasheet HTML 1Page - Microchip Technology AC162078 Datasheet HTML 2Page - Microchip Technology AC162078 Datasheet HTML 3Page - Microchip Technology AC162078 Datasheet HTML 4Page - Microchip Technology AC162078 Datasheet HTML 5Page - Microchip Technology AC162078 Datasheet HTML 6Page - Microchip Technology AC162078 Datasheet HTML 7Page - Microchip Technology AC162078 Datasheet HTML 8Page - Microchip Technology AC162078 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
Debug Header Specification
 2006-2012 Microchip Technology Inc.
DS51292T-page 5
FIGURE 4:
CONNECT HEADER TO DEBUG TOOL
4.
Connect the header to the target board. On the bottom of the header is a socket
that is used to connect to the target board. The header may be connected to the
target board as follows:
a) PDIP header socket to PDIP target socket with a stand-off (male-to-male)
connector
b) Header socket to plug on the target board
c)
Header socket to target socket with a transition socket (see the “Transition
Socket Specification”, DS51194)
An example connection is shown in Figure 5.
The header socket will have the same pin count as your selected device. The
ICE/ICD device on the top of the header usually has a larger pin count because
it has additional pins that are dedicated to debug.
FIGURE 5:
CONNECT HEADER TO TARGET
5.
If using a debug tool that can power the target, power that tool now.
6.
Power the target, if needed.
Debug Header (Top)
ICE/ICD Device
Debug Tool Module
(Top)
To PC and
MPLAB® IDE
Power In
Target Board (Top)
Target Socket
Stand-off Connector
Debug Header (Bottom)
Header Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com