| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES9218PQ bảng dữ liệu(PDF) 44 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9218PQ bảng dữ liệu(HTML) 44 Page - ESS Technology,Inc |
|
44 / 101 page ![]() ES9218P Datasheet December 6, 2018 CONFIDENTIAL ADVANCE INFORMATION 1.8 ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801 44 Register 5: Automute Level (0x05) Bits [7] [6:0] Mnemonic reserved automute_level Default 1’b0 7’d104 Bit Mnemonic Description [7] reserved [6:0] automute_level Configures the threshold which the audio must be below before an automute condition is flagged. The level is measured in decibels (dB) and defaults to -104dB. This register works in tandem with Register 4: Automute Time (0x04) to create the automute condition. See Automute for more details. |