| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1825 bảng dữ liệu(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1825 bảng dữ liệu(HTML) 3 Page - Microchip Technology |
|
3 / 78 page ![]() Debug Header Specification 2006-2012 Microchip Technology Inc. DS51292T-page 3 DEBUG DETAILS Next generation in-circuit emulators (such as the MPLAB® REAL ICE™ in-circuit emulator) and in-circuit debuggers work with devices that have on-chip debug circuitry. Sometimes the actual production device will have this circuitry and sometimes a special version of this device is required or available for code debugging. This special version of the chip, with the suffix -ICD or -ICE, is mounted on a debug header (Figure 2). FIGURE 2: DEBUG OPTIONS In general, ICE devices are designed for next-generation in-circuit emulator use and ICD devices are designed for in-circuit debugger use. However, ICE devices may be used with an in-circuit debugger and ICD devices may be used with a next-generation in-circuit emulator, but will provide only basic ICD functionality. To determine what device resources must be dedicated to debugging for either a device with on-board debug capability or the special ICE/ICD device, see the “Resources used by ...” section of the in-circuit emulator or in-circuit debugger online Help file. Note: ICE/ICD devices are only used on the header; they are not sold separately. Production Device without On-Board Debug Circuitry Debug Circuitry Production Device with On-Board Debug Circuitry Vdd MCLR/Vpp Vss Rx0/CLK Rx1/DAT Debug Circuitry No debug capability. Header required for debug. Debug capability available. However, header can provide dedicated resources for debug. VDD VPP VSS CLK DAT Rx0 Rx1 Debug Memory MCLR ICE/ICD Device with On-board Debug Circuitry, Dedicated Debug Pins and (sometimes) Dedicated Debug Memory Debug header with additional circuitry to support debug functions. J1 S1 TP1 TP2 TP3 ICE/ ICD Device |