| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1824 bảng dữ liệu(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1824 bảng dữ liệu(HTML) 13 Page - Microchip Technology |
|
13 / 78 page ![]() Required Debug Headers 2006-2012 Microchip Technology Inc. DS51292T-page 13 Header Dimensions The figure below lists the dimensions for the debug header. Dimensions are design values in inches. If the length and/or width of the debug header is too large a footprint for the target board, consider using stand-offs, transition sockets or other extenders in the header connection socket to raise the header above the target. FIGURE 3: DIMENSIONS – AC162053, AC162054 Target Pin 1 Located on Bottom side of Header Dimensions are in inches 2.350 Top 0.150 0.150 0.750 Side 0.165 Typical 0.062 Typical 0.560 Typical ICE Device 6-pin Modular Connector See Appendix B. “Debug Header Connections” for details. |