công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F616 bảng dữ liệu(PDF) 68 Page - Microchip Technology

tên linh kiện PIC16F616
Giải thích chi tiết về linh kiện  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616 bảng dữ liệu(HTML) 68 Page - Microchip Technology

Back Button PIC16F616 Datasheet HTML 64Page - Microchip Technology PIC16F616 Datasheet HTML 65Page - Microchip Technology PIC16F616 Datasheet HTML 66Page - Microchip Technology PIC16F616 Datasheet HTML 67Page - Microchip Technology PIC16F616 Datasheet HTML 68Page - Microchip Technology PIC16F616 Datasheet HTML 69Page - Microchip Technology PIC16F616 Datasheet HTML 70Page - Microchip Technology PIC16F616 Datasheet HTML 71Page - Microchip Technology PIC16F616 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
DS51292T-page 68
 2006-2012 Microchip Technology Inc.
SIL OPTIONAL CONNECTION
Debug headers with 6- and 8-pin SIL connectors have an additional unpopulated con-
nector available for customer use. This connector has the same pinout as the SIL con-
nector. Solder wires to access individual pins or attach an entire vertical connector.
FIGURE 6:
SIL OPTIONAL CONNECTION
MODULAR-TO-SIL ADAPTER
To adapt a 6-pin modular connector to an 8-pin SIL (Single In-Line) connector, you can
use this adapter. You can also use this adapter for a 6-pin modular connector to an
6-pin SIL connector. In either case, line up pin 1 of J1 with pin 1 of the 6- or 8-pin
header connector.
FIGURE 7:
MODULAR-TO-SIL ADAPTER CONNECTION
SIL Connector
Optional Connector
Modular Connector
SIL Connector
ICRST
VDD
ICDT
ICCK
NC
1
2
3
4
5
6
J2
J1
1
2
3
4
5
6
7
8
ICDT
ICCK
TP1 USD0
TP2 USCK
6- or 8-Pin
Header
Connector
From
Tool
TOP
1
1
J1
J2
TOP
TOP
NC
ICRST
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78