| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F615 bảng dữ liệu(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F615 bảng dữ liệu(HTML) 35 Page - Microchip Technology |
|
35 / 78 page ![]() Optional Debug Headers 2006-2012 Microchip Technology Inc. DS51292T-page 35 Header Dimensions The figure below lists the dimensions for the debug header. Dimensions are design values in inches. If the length and/or width of the debug header is too large a footprint for the target board, consider using stand-offs, transition sockets or other extenders in the header connection socket to raise the header above the target. FIGURE 2: DIMENSIONS – AC162062, AC162079, AC162087, AC162091 ICE Device Target Pin 1 Located on Bottom side of Header Dimensions are in inches 1.800 Top 0.320 0.420 1.080 0.980 2.325 Side 0.062 Typical 0.560 Typical 0.335 Typical 0.050 6-pin Modular Connector See Appendix B. “Debug Header Connections” for details. |