| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F684 bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F684 bảng dữ liệu(HTML) 7 Page - Microchip Technology |
|
7 / 78 page ![]() 2006-2012 Microchip Technology Inc. DS51292T-page 7 Required Debug Headers INTRODUCTION Some devices have no built-in debug circuitry. Therefore, special ICE/ICD versions of these devices are required for debug tool operation. Currently available debug headers and their associated ICE/ICD devices are shown below, sorted by supported device. TABLE 1: REQUIRED DEBUG HEADERS BY DEVICE Device Pin Count Header Part Number ICE/ICD Device Used VDD Max PIC10F200/2/4/6 8/14 AC162059 PIC16F505-ICD 5.5V PIC10F220/2 8/14 AC162070 PIC16F506-ICD 5.5V PIC10F320/322 6/8 AC244045 PIC10F320-ICE 5.5V PIC10LF320/322 6/8 AC244045 PIC10F320-ICE 3.6V PIC12F508/509 8/14 AC162059 PIC16F505-ICD 5.5V PIC12F510 8/14 AC162070 PIC16F506-ICD 5.5V PIC12F519 8/14 AC162096 PIC16F526-ICD 5.5V PIC12F609/HV609 28 AC162083 PIC16F616-ICD 5.5V PIC12F615/HV615 28 AC162083 PIC16F616-ICD 5.5V PIC12F617 28 AC162083 PIC16F616-ICD 5.5V PIC12F629 8 AC162050 PIC12F675-ICD 5.5V PIC12F635 14 AC162057 PIC16F636-ICD 5.5V PIC12F675 8 AC162050 PIC12F675-ICD 5.5V PIC12F683 8 AC162058 PIC12F683-ICD 5.5V PIC16F505 8/14 AC162059 PIC16F505-ICD 5.5V PIC16F506 8/14 AC162070 PIC16F506-ICD 5.5V PIC16F526 8/14 AC162096 PIC16F526-ICD 5.5V PIC16F610/HV610 14/16 AC162083 PIC16F616-ICD 5.5V PIC16F616/HV616 14/16 AC162083 PIC16F616-ICD 5.5V PIC16F627A/628A 18 AC162053 PIC16F648A-ICD 5.5V PIC16F630 14 AC162052 PIC16F676-ICD 5.5V PIC16F631 20 AC162061 PIC16F690-ICD 5.5V PIC16F636 14 AC162057 PIC16F636-ICD 5.5V PIC16F639(1) 20 AC162066 PIC16F636-ICD 5.5V PIC16F648A 18 AC162053 PIC16F648A-ICD 5.5V PIC16F676 14 AC162052 PIC16F676-ICD 5.5V PIC16F677 20 AC162061 PIC16F690-ICD 5.5V PIC16F684 14 AC162055 PIC16F684-ICD 5.5V |