công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24F04KA201 bảng dữ liệu(PDF) 47 Page - Microchip Technology

tên linh kiện PIC24F04KA201
Giải thích chi tiết về linh kiện  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 bảng dữ liệu(HTML) 47 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 43Page - Microchip Technology PIC24F04KA201 Datasheet HTML 44Page - Microchip Technology PIC24F04KA201 Datasheet HTML 45Page - Microchip Technology PIC24F04KA201 Datasheet HTML 46Page - Microchip Technology PIC24F04KA201 Datasheet HTML 47Page - Microchip Technology PIC24F04KA201 Datasheet HTML 48Page - Microchip Technology PIC24F04KA201 Datasheet HTML 49Page - Microchip Technology PIC24F04KA201 Datasheet HTML 50Page - Microchip Technology PIC24F04KA201 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
Optional Debug Headers
 2006-2012 Microchip Technology Inc.
DS51292T-page 47
AC162088, AC162094
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify this debug header, use the following information.
Header Setup and Operation
Both 28-pin and 44-pin device headers have jumpers related to the enabling or dis-
abling of the on-chip 2.5 volt voltage regulator. Please see the section entitled “On-Chip
Voltage Regulator” in the “dsPIC33F Family Reference Manual” (DS70165) for more
details.
Test points are available on this header to check the following:
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header Dimensions
The figures below list the dimensions for the debug headers. Dimensions are design
values in inches.
If the length and/or width of the debug header is too large a footprint for the target
board, consider using stand-offs, transition sockets or other extenders in the header
connection socket to raise the header above the target.
Header
ICE/ICD Device
Board Assembly Number
AC162088
PIC24FJ64GA004-ICE
02-01979
AC162094
02-01982
Jumper J2
Function
1-2
Disable voltage regulator
2-3
Enable voltage regulator
No connection
DISVREG controlled by target
Test Point
Color
Signal
Test Point
Color
Signal
TP1
Black
Ground
TP5
White
DISVREG
TP2
Red
VDD
TP6
White
PGC
TP3
Black
AVSS
TP7
White
PGD
TP4
Red
AVDD
TP8
Yellow
ICRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78