công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24F04KA200 bảng dữ liệu(PDF) 41 Page - Microchip Technology

tên linh kiện PIC24F04KA200
Giải thích chi tiết về linh kiện  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA200 bảng dữ liệu(HTML) 41 Page - Microchip Technology

Back Button PIC24F04KA200 Datasheet HTML 37Page - Microchip Technology PIC24F04KA200 Datasheet HTML 38Page - Microchip Technology PIC24F04KA200 Datasheet HTML 39Page - Microchip Technology PIC24F04KA200 Datasheet HTML 40Page - Microchip Technology PIC24F04KA200 Datasheet HTML 41Page - Microchip Technology PIC24F04KA200 Datasheet HTML 42Page - Microchip Technology PIC24F04KA200 Datasheet HTML 43Page - Microchip Technology PIC24F04KA200 Datasheet HTML 44Page - Microchip Technology PIC24F04KA200 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
Optional Debug Headers
 2006-2012 Microchip Technology Inc.
DS51292T-page 41
AC162067, AC162074
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify these debug headers, use the following
information.
Header Setup and Operation
For these headers, you will need to connect jumpers J2 and J3 to select between the
LF and F versions of devices.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header Dimensions
The figures below lists the dimensions for the debug headers. Dimensions are design
values in inches.
If the length and/or width of the debug header is too large a footprint for the target
board, consider using stand-offs, transition sockets or other extenders in the header
connection socket to raise the header above the target.
Header
ICE/ICD Device
Board Assembly Number
AC162067
PIC18F45J10-ICE
02-01854
AC162074
02-01929
Device
Device Type
Jumper J2
Jumper J3
Function
PIC18LFXXJ10
LF
1-2
1-2
Disable voltage regulator*
PIC18FXXJ10
F
2-3
2-3
Enable voltage regulator
* VDDCORE must be supplied externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78