| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F716 bảng dữ liệu(PDF) 62 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F716 bảng dữ liệu(HTML) 62 Page - Microchip Technology |
|
62 / 78 page ![]() DS51292T-page 62 2006-2012 Microchip Technology Inc. FIGURE 18: DOUBLE AND TRIPLE-ROW TQFP/PLCC FOOTPRINT Header pin-out matches the PLCC package. PLCC will map to TQFP as follows: • Header to 44-pin TQFP – one-to-one mapping. • Header to 64-pin TQFP – see Figure 19 for mapping. • Header to 80-pin TQFP – see Figure 20 for mapping. • Header to 100-pin TQFP – one-to-one mapping. FIGURE 19: HEADER TO 64-PIN TQFP 0.050 1.160 1.160 0.960 0.960 UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN INCHES. Drawing of device is 64/68-pin, 80/84-pin and 100-pin 0.028 DIA PLATED-THRU HOLES 1.360 1.360 68 52 1 17 9 60 NC NC 1 16 NC = No Connection 51 35 43 NC 48 33 64 49 18 34 26 17 32 NC |