| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AC162052 bảng dữ liệu(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC162052 bảng dữ liệu(HTML) 14 Page - Microchip Technology |
|
14 / 78 page ![]() Required Debug Headers DS51292T-page 14 2006-2012 Microchip Technology Inc. AC162059, AC162070, AC162096 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting different ICE/ICD devices. To identify these debug headers, use the following information. Header Setup and Operation The ICD devices on these headers are specifically designed to select a device without the use of additional jumpers or switches. These headers support 8 and 14-pin devices (see Figure 4.) For the AC162059 and AC162070, there is an 8-pin and a 14-pin connector. For the AC162096, there is only a 14-pin connector. (The 8-pin connector is not populated.) Use the 14-pin connector for 8-pin devices, but make sure device pin 1 is placed at the 14-pin connector pin 1. Header Limitations See the “Limitations” section in your debug tool online Help file for details. Header ICE/ICD Device Board Assembly Number AC162059 PIC16F505-ICD 02-01803 AC162070 PIC16F506-ICD AC162096 PIC16F526-ICD |