| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AC162057 bảng dữ liệu(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC162057 bảng dữ liệu(HTML) 22 Page - Microchip Technology |
|
22 / 78 page ![]() Required Debug Headers DS51292T-page 22 2006-2012 Microchip Technology Inc. AC162083 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting different ICE/ICD devices. To identify this debug header, use the following information. Header Setup and Operation Test points are available on this header to check the following: Ground (TP1), VDD (TP2), ICD Clock (TP3), ICD Data (TP4) and ICD MCLR/VPP (TP5). Also see the AC162083 Insert (DS51693). POTENTIAL ISSUES HV device selected instead of F device If you inadvertently select a shunt regulator (HV) device and attempt to use it in a target board designed for a non-shunt regulator (F) device, the shunt may draw excessive current due to the lack of current-limiting circuitry on the target board and damage the device mounted on the header. F device selected instead of HV device If you inadvertently select a non-shunt regulator (F) device and attempt to use it in a target board designed for a shunt regulator (HV) device, the device may draw exces- sive current due to the higher voltage used on a target board designed for HV devices and damage the device mounted on the header. HV devices cannot be powered from debug tool Do not select in MPLAB IDE to power the target (debug header) from the debug tool (if it supports powering the target) when using shunt regulator (HV) devices since this will also cause the shunt to draw excessive current. Header ICE/ICD Device Board Assembly Number AC162083 PIC16F616-ICD 02-01976 CAUTION Incorrect rotary switch (Figure 9) settings may irreparably damage the header. Ensure rotary switch settings are correct (Table 3) before powering or connecting the header. Do not change the rotary switch setting while the header is powered or connected to a debug tool. Do not power shunt regulator (HV) devices from the debug tool. TABLE 3: ROTARY SWITCH SETTINGS Switch Position Device Switch Position Device 0 PIC12HV609 8 PIC12F609 1 PIC12HV615 9 PIC12F615 2 Reserved HV A PIC12F617 3 PIC16HV610 B PIC16F610 4 PIC16HV616 C PIC16F616 5 Reserved HV D Reserved F 6 Reserved HV E Reserved F 7 Reserved HV F Reserved F |