| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AC244045 bảng dữ liệu(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC244045 bảng dữ liệu(HTML) 11 Page - Microchip Technology |
|
11 / 78 page ![]() Required Debug Headers 2006-2012 Microchip Technology Inc. DS51292T-page 11 Header Dimensions The figure below lists the dimensions for the debug header. Dimensions are design values in inches. If the length and/or width of the debug header is too large a footprint for the target board, consider using stand-offs, transition sockets or other extenders in the header connection socket to raise the header above the target. FIGURE 2: DIMENSIONS – AC162052, AC162055, AC162056, AC162057 Dimensions are in inches 1.275 0.700 1.300 0.825 Target Pin 1 Located on Bottom side of Header Top Side 0.165 Typical 0.062 Typical 0.560 Typical J1 J2 P1 1 6-pin Modular Connector See Appendix B. “Debug Header Connections” for details. ICE Device |