công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

433MHZ bảng dữ liệu(PDF) 11 Page - List of Unclassifed Manufacturers

tên linh kiện 433MHZ
Giải thích chi tiết về linh kiện  Complete Guide for RF 433MHz Transmitter/Receiver Module With Arduino
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

433MHZ bảng dữ liệu(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 433MHZ Datasheet HTML 7Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 8Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 9Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 10Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 11Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 12Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 13Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 14Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
If you plug them to an outlet, you should be able to control the remote controlled outlets
with your remote control.
Installing the RC Switch Library
The RC Switch library provides an easy way of using your ESP8266, ESP32, or
Arduino to operate remote radio controlled devices. This will most likely work with all
popular low-cost power outlet sockets.
1. Click here to download the RC Switch library. You should have a .zip folder in
your Downloads folder
2. Unzip the .zip folder and you should get rc-switch-master folder
3. Rename your folder from rc-switch-master to rc_switch
4. Move the rc_switch folder to your Arduino IDE installation libraries folder
5. Then, re-open your Arduino IDE
Opening the Decoder Sketch
You need to decode the signals that your remote control sends, so that the Arduino or
ESP8266 can reproduce those signals and ultimately control the outlets.
The library comes with several sketch examples. Within the Arduino IDE software, you
need to go to File > Examples > RC_Switch > ReceiveDemo_Advanced. This next
sketch opens:
/*
Example for receiving
https://github.com/sui77/rc-switch/
If you want to visualize a telegram copy the raw data and
paste it into http://test.sui.li/oszi/
*/
#include
RCSwitch mySwitch = RCSwitch();
void setup() {
Serial.begin(9600);
mySwitch.enableReceive(0);
// Receiver on interrupt 0 => that is pin #2
}
void loop() {
if (mySwitch.available()) {



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15