| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW4 bảng dữ liệu(PDF) 10 Page - 4D Systems Pty Ltd |
|
|
|||||||||||||||||||||||||||||
SW4 bảng dữ liệu(HTML) 10 Page - 4D Systems Pty Ltd |
|
10 / 20 page ![]() microOLED Display Modules uOLED-160G2 Page 10 of 20 www.4dsystems.com.au 9. 4D Systems - Workshop 4 IDE Workshop 4 is a comprehensive software IDE that provides an integrated software development platform for all of the 4D family of processors and modules. The IDE combines the Editor, Compiler, Linker and Downloader to develop complete 4DGL application code. All user application code is developed within the Workshop 4 IDE. The Workshop 4 IDE supports multiple development environments for the user, to cater for different user requirements and skill levels. The Designer environment enables the user to write 4DGL code in its natural form to program the range of 4D Systems intelligent displays. A visual programming experience, suitably called ViSi, enables drag-and-drop type placement of objects to assist with 4DGL code generation and allows the user to visualise how the display will look while being developed. A Serial environment is also provided to transform the display module into a slave serial module, allowing the user to control the display from any host microcontroller or device with a serial port. The Workshop 4 IDE is available from the 4D Systems website. www.4dsystems.com.au For comprehensive manuals on the Workshop 4 IDE Software, the language, and its environments, refer to the documentation from the 4D Systems website, on the Workshop 4 product page. 9.1. Workshop4 - Designer Choose the Designer environment to write 4DGL code in its raw form. The Designer environment provides the user with a simple yet effective programming environment where pure 4DGL code can be written, compiled and downloaded to the range of 4D Systems intelligent display modules. Designer is a very powerful environment, for those use to developing without any form of GUI aid, or for those developing complex systems where no aid is required. 9.2. Workshop4 – ViSi ViSi was designed to make the creation of graphical displays a more visual experience. ViSi is a great software tool that allows the user to see the instant results of their desired graphical layout. Additionally, there is a selection of inbuilt dials, gauges and meters that can simply be placed onto the simulated module display. From here each object can have its properties edited, and at the click of a button all relevant 4DGL code associated with that object is produced in the user program. The user can then write 4DGL code around these objects to utilise them in the way they choose. 9.3. Workshop4 – Serial The Serial environment in the Workshop 4 IDE provides the user the ability to transform a 4D Systems Intelligent Display, into a slave serial graphics controller. |