| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2SC752GTM bảng dữ liệu(PDF) 41 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
2SC752GTM bảng dữ liệu(HTML) 41 Page - Toshiba Semiconductor |
|
41 / 126 page ![]() – 41 – Location No. Part No. Description Location No. Part No. Description C770 24590562 PF, 5600pF C771 24774391 Chip, 390pF, CH C773 24590182 PF, 1800pF C774 24590562 PF, 5600pF C775 24774391 Chip, 390pF, CH C777 24590182 PF, 1800pF C778 24590562 PF, 5600pF C779 24774391 Chip, 390pF, CH C781 24590182 PF, 1800pF C782 24590562 PF, 5600pF C783 24774391 Chip, 390pF, CH C795 24761221 EL, 220?F, ±20%, 6.3V C798 24763101 EL, 100?F, ±20%, 16V C799 24763101 EL, 100?F, ±20%, 16V * C801 24082374 PF, 0.22?F, ±20%, AC250V * C802 24092557 CD, 220pF, ±20%, AC250V * C803 24092557 CD, 220pF, ±20%, AC250V * C804 24092570 CD, 3300pF, ±20%, AC250V * C805 24082374 PF, 0.22?F, ±20%, AC250V C807 24073058 EL, 2200?F, ±20%, 25V C808 24617787 EL, 470?F, ±20%, 16V C809 24567105 PF, 1?F C810 24086935 EL, 560?F, ±20%, 400V C811 24676478 EL, 0.47?F, ±20%, 100V C812 24092281 CD, 4700pF, ±20%, AC250V C813 24092281 CD, 4700pF, ±20%, AC250V C814 24678229 EL, 2.2?F, ±20%, 200V C815 24567474 PF, 0.47?F C816 24617817 EL, 22?F, ±20%, 50V C817 24567224 PF, 0.22?F C819 24214102 CD, 1000pF, ±10%, 500V C820 24567224 PF, 0.22?F C821 24092480 CD, 680pF, ±10%, 2kV C822 24092481 CD, 820pF, ±10%, 2kV C823 24092478 CD, 470pF, ±10%, 2kV C824 24214103 CD, 0.01?F, ±10%, 500V C825 24591472 PF, 4700pF C826 24092474 CD, 220pF, ±10%, 2kV C828 24820683 PF, 0.068?F, 630V C829 24617820 EL, 100?F, ±20%, 50V C830 24567105 PF, 1?F C831 24669220 EL, 22?F, ±20%, 50V C853 24668102 EL, 1000?F, ±20%, 35V C855 24214471 CD, 470pF, ±10%, 500V C856 24214471 CD, 470pF, ±10%, 500V C857 24214471 CD, 470pF, ±10%, 500V C858 24214471 CD, 470pF, ±10%, 500V C859 24214471 CD, 470pF, ±10%, 500V C860 24669471 EL, 470?F, ±20%, 50V C861 24668332 EL, 3300?F, ±20%, 35V C862 24668471 EL, 470?F, ±20%, 35V C863 24668332 EL, 3300?F, ±20%, 35V C864 24668471 EL, 470?F, ±20%, 35V C865 24214471 CD, 470pF, ±10%, 500V C866 24214471 CD, 470pF, ±10%, 500V C867 24214471 CD, 470pF, ±10%, 500V C868 24214471 CD, 470pF, ±10%, 500V C869 24669222 EL, 2200?F, ±20%, 50V C870 24214471 CD, 470pF, ±10%, 500V C871 24214471 CD, 470pF, ±10%, 500V C872 24214471 CD, 470pF, ±10%, 500V C873 24214471 CD, 470pF, ±10%, 500V C874 24212102 CD, 1000pF, ±10% C875 24667472 EL, 4700?F, ±20%, 25V C876 24086916 EL, 330?F, ±20%, 160V C877 24092475 CD, 220pF, ±10%, 2kV C878 24092475 CD, 220pF, ±10%, 2kV C879 24092475 CD, 220pF, ±10%, 2kV C880 24092475 CD, 220pF, ±10%, 2kV C881 24567474 PF, 0.47?F C882 24617817 EL, 22?F, ±20%, 50V C883 24082229 PF, 0.1?F, ±10%, 250V C884 24617816 EL, 10?F, ±20%, 50V C885 24617813 EL, 2.2?F, ±20%, 50V C886 24677470 EL, 47?F, ±20%, 160V C889 24669010 EL, 1?F, ±20%, 50V C891 24669010 EL, 1?F, ±20%, 50V C901 24211102 CD, 1000pF, ±10%, 2kV C902 24794100 EL, 10?F, ±20%, 16V C903 24232103 CD, 0.01?F, +80%, -20% C904 24436391 CD, 390pF C905 24214102 CD, 1000pF, ±10%, 500V C911 24211102 CD, 1000pF, ±10%, 2kV C912 24794100 EL, 10?F, ±20%, 16V C913 24232103 CD, 0.01?F, +80%, -20% C914 24436561 CD, 560pF C915 24679330 EL, 33?F, ±20%, 250V C915A 23960136 Adhesive, TSE3843-W C916 24794101 EL, 100?F, ±20%, 16V C921 24211102 CD, 1000pF, ±10%, 2kV C922 24794100 EL, 10?F, ±20%, 16V C924 24232103 CD, 0.01?F, +80%, -20% C926 24436471 CD, 470pF C941 24797478 EL, 0.47?F, ±20%, 50V C943 24667102 EL, 1000?F, ±20%, 25V C944 24206100 EL, 10?F, ±20%, 50V C961 24666101 EL, 100?F, ±20%, 16V C962 24203100 EL, 10?F, ±20%, 16V C963 24232103 CD, 0.01?F, +80%, -20% C964 24591104 PF, 0.1?F C6101 24232103 CD, 0.01?F, +80%, -20% C6102 24232103 CD, 0.01?F, +80%, -20% C7701 24761221 EL, 220?F, ±20%, 6.3V C7703 24232103 CD, 0.01?F, +80%, -20% C7721 24212102 CD, 1000pF, ±10% C7722 24436101 CD, 100pF C7724 24667101 EL, 100?F, ±20%, 25V C7725 24667101 EL, 100?F, ±20%, 25V C7726 24212102 CD, 1000pF, ±10% C7727 24436101 CD, 100pF C7729 24212102 CD, 1000pF, ±10% C7730 24436101 CD, 100pF C7732 24212102 CD, 1000pF, ±10% C7733 24436101 CD, 100pF C7735 24667101 EL, 100?F, ±20%, 25V C7736 24669101 EL, 100?F, ±20%, 50V C7737 24212102 CD, 1000pF, ±10% C7738 24436101 CD, 100pF C7740 24212102 CD, 1000pF, ±10% C7741 24436101 CD, 100pF C7742 24436330 CD, 33pF C7743 24436330 CD, 33pF C7747 24667101 EL, 100?F, ±20%, 25V C7748 24567104 PF, 0.1?F C7749 24567104 PF, 0.1?F C7750 24667101 EL, 100?F, ±20%, 25V C7751 24667101 EL, 100?F, ±20%, 25V C7752 24567104 PF, 0.1?F |