| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
76232103 bảng dữ liệu(PDF) 22 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
76232103 bảng dữ liệu(HTML) 22 Page - Toshiba Semiconductor |
|
22 / 45 page ![]() – 22 – Location Parts No. Description No. Location Parts No. Description No. R803 76011333 CHIP, 1/20W 33K OHM J R805 76120001 CEMENT RES 141C 2.1W 1R8 K R807 76011223 CHIP, 1/20W 22K OHM J R808 76552470 OXIDE METAL FILM, 1/2W 47 OHM J R809 76321689 OXIDE METAL FILM, 1/2W 6.8 OHM J R810 76382150 OXIDE METAL FILM, 1W 15 OHM J R811 76552820 OXIDE METAL FILM, 1/2W 82 OHM J R812 76552390 OXIDE METAL FILM, 1/2W 39 OHM J R813 76366150 CARBON FILM, 1/6W 15 OHM J R814 76871473 CHIP, 1/8W 47K OHM J R815 76552100 OXIDE METAL FILM, 1/2W 10 OHM J R816 76011102 CHIP, 1/20W 1K OHM J R817 76871473 CHIP, 1/8W 47K OHM J R818 76871473 CHIP, 1/8W 47K OHM J R819 76871473 CHIP, 1/8W 47K OHM J R820 76871473 CHIP, 1/8W 47K OHM J R821 76871105 CHIP, 1/8W 1M OHM J R822 76871105 CHIP, 1/8W 1M OHM J R823 76871105 CHIP, 1/8W 1M OHM J R824 76871105 CHIP, 1/8W 1M OHM J R825 76011104 CHIP, 1/20W 100K OHM J R826 76011473 CHIP, 1/20W 47K OHM J R827 76383473 OXIDE METAL FILM, 2W 47K OHM J R828 76011104 CHIP, 1/20W 100K OHM J R829 76011822 CHIP, 1/20W 8.2K OHM J R830 76011822 CHIP, 1/20W 8.2K OHM J R840 76552470 OXIDE METAL FILM, 1/2W 47 OHM J R841 76011103 CHIP, 1/20W 10K OHM J R843 76011333 CHIP, 1/20W 33K OHM J R844 76011103 CHIP, 1/20W 10K OHM J R845 76011332 CHIP, 1/20W 3.3K OHM J R846 76011103 CHIP, 1/20W 10K OHM J R847 76011153 CHIP, 1/2OW 15K OHM J R848 76011332 CHIP, 1/20W 3.3K OHM J R849 76011103 CHIP, 1/20W 10K OHM J R850 76011472 CHIP, 1/20W 4.7K OHM J R851 76011333 CHIP, 1/20W 33K OHM J R852 76011102 CHIP, 1/20W 1K OHM J R871 76998332 CHIP, 1/16W 3.3K OHM R872 76998103 CHIP, 1/16W 10K OHM R873 76011100 CHIP, 1/20W 10 OHM J R874 76011102 CHIP, 1/20W 1K OHM J R875 76011471 CHIP, 1/20W 470 OHM J R876 76011102 CHIP, 1/20W 1K OHM J R877 76011471 CHIP, 1/20W 470 OHM J R880 76552102 OXIDE METAL FILM, 1/2W 1K OHM J R899 76005014 METAL FILM, 1W 8.2M OHM J R8910 76998563 CHIP, 1/16W 56K OHM R8911 76998562 CHIP, 1/16W 5.6K OHM R8912 76998102 CHIP, 1/16W 1K OHM R8921 76011123 CHIP, 1/20W 12K OHM J R8922 76011182 CHIP, 1/20W 1.8K OHM J R8923 76011472 CHIP, 1/20W 4.7K OHM J R8924 76011103 CHIP, 1/20W 10K OHM J R8931 76011123 CHIP, 1/20W 12K OHM J R8932 76011182 CHIP, 1/20W 1.8K OHM J R8933 76011472 CHIP, 1/20W 4.7K OHM J R8934 76011103 CHIP, 1/20W 10K OHM J R8950 76011821 CHIP, 1/20W 820 OHM J R8951 76011473 CHIP, 1/20W 47K OHM J R8952 76011102 CHIP, 1/20W 1K OHM J R8953 76011333 CHIP, 1/20W 33K OHM J R8954 76011333 CHIP, 1/20W 33K OHM J R8955 76011472 CHIP, 1/20W 4.7K OHM J R8956 76011681 CHIP, 1/20W 680 OHM J R8960 76011334 CHIP, 1/20W 330K OHM J R8961 76011223 CHIP, 1/20W 22K OHM J R8962 76011223 CHIP, 1/20W 22K OHM J R8963 76011102 CHIP, 1/20W 1K OHM J R8964 76011103 CHIP, 1/20W 10K OHM J RA71 76011103 CHIP, 1/20W 10K OHM J RA72 76011223 CHIP, 1/20W 22K OHM J RA73 76011683 CHIP, 1/20W 68K OHM J RA75 76011103 CHIP, 1/20W 10K OHM J RA76 76011223 CHIP, 1/20W 22K OHM J RB15 76366471 CARBON FILM, 1/6W 470 OHM J RB19 76366470 CARBON FILM, 1/6W 47 OHM J RB51 76366224 CARBON FILM, 1/6W 220K OHM J RB52 76366123 CARBON FILM, 1/6W 12K OHM J RB53 76366123 CARBON FILM, 1/6W 12K OHM J RB54 76366123 CARBON FILM, 1/6W 12K OHM J RB55 76366224 CARBON FILM, 1/6W 220K OHM J RB56 76366151 CARBON FILM, 1/6W 150 OHM J RB57 76366103 CARBON FILM, 1/6W 10K OHM J RB58 76366103 CARBON FILM, 1/6W 10K OHM J RB59 76366122 CARBON FILM, 1/6W 1.2K OHM J RB60 76366224 CARBON FILM, 1/6W 220K OHM J RB61 76366100 CARBON FILM, 1/6W 10 OHM J RB62 76366272 CARBON FILM, 1/6W 2.7K OHM J RB63 76366271 CARBON FILM, 1/6W 270 OHM J RB67 76366221 CARBON FILM, 1/6W 220 OHM J RB69 76366272 CARBON FILM, 1/6W 2.7K OHM J RB70 76366331 CARBON FILM, 1/6W 330 OHM J RB81 76011473 CHIP, 1/20W 47K OHM J @U104 #1 76011681 CHIP, 1/20W 680 OHM J @UA07 #2 76011331 CHIP, 1/20W 330 OHM J @UA07 #3 76011681 CHIP, 1/20W 680 OHM J @UA07 RB82 #1 76011152 CHIP, 1/20W 1.5K OHM J #2 76011391 CHIP, 1/20W 390 OHM J #3 76011152 CHIP, 1/20W 1.5K OHM J RB83 76011102 CHIP, 1/20W 1K OHM J RB84 76011473 CHIP, 1/20W 47K OHM J RB92 76011473 CHIP, 1/20W 47K OHM J RB93 76011102 CHIP, 1/20W 1K OHM J RB502 76011332 CHIP, 1/20W 3.3K OHM J RB503 76011332 CHIP, 1/20W 3.3K OHM J RB504 76366104 CARBON FILM, 1/6W 100K OHM J RB505 76366101 CARBON FILM, 1/6W 100 OHM J RB506 76366390 CARBON FILM, 1/6W 39 OHM J RB516 76011472 CHIP, 1/20W 4.7K OHM J RB517 76011472 CHIP, 1/20W 4.7K OHM J RB518 76011101 CHIP, 1/20W 100 OHM J RB519 76011472 CHIP, 1/20W 4.7K OHM J RB520 76011472 CHIP, 1/20W 4.7K OHM J RB521 76011472 CHIP, 1/20W 4.7K OHM J RB522 76011472 CHIP, 1/20W 4.7K OHM J RB523 76011472 CHIP, 1/20W 4.7K OHM J RB524 76011472 CHIP, 1/20W 4.7K OHM J RB525 76011102 CHIP, 1/20W 1K OHM J RB526 76011103 CHIP, 1/20W 10K OHM J RB527 76011103 CHIP, 1/20W 10K OHM J RB528 76011472 CHIP, 1/20W 4.7K OHM J RB529 76011472 CHIP, 1/20W 4.7K OHM J RB554 76011101 CHIP, 1/20W 100 OHM J RB555 76011103 CHIP, 1/20W 10K OHM J RB556 76011101 CHIP, 1/20W 100 OHM J RB557 76011103 CHIP, 1/20W 10K OHM J RB558 76366223 CARBON FILM, 1/6W 22K OHM J RB559 76366223 CARBON FILM, 1/6W 22K OHM J RB560 76011101 CHIP, 1/20W 100 OHM J RB561 76011472 CHIP, 1/20W 4.7K OHM J RB562 76366104 CARBON FILM, 1/6W 100K OHM J RB563 76366390 CARBON FILM, 1/6W 39 OHM J RB565 76366101 CARBON FILM, 1/6W 100 OHM J RB566 76011102 CHIP, 1/20W 1K OHM J RB567 76366223 CARBON FILM, 1/6W 22K OHM J RB576 76011153 CHIP, 1/2OW 15K OHM J RC01 76011101 CHIP, 1/20W 100 OHM J @U104 76011223 CHIP, 1/20W 22K OHM J @UC01 RC02 76011101 CHIP, 1/20W 100 OHM J @U104 76011220 CHIP, 1/20W 22 OHM J @UC01 RC03 76011101 CHIP, 1/20W 100 OHM J @U104 76011220 CHIP, 1/20W 22 OHM J @UC01 RC04 76011101 CHIP, 1/20W 100 OHM J @U104 76011220 CHIP, 1/20W 22 OHM J @UC01 RC05 76011101 CHIP, 1/20W 100 OHM J @U104 76011220 CHIP, 1/20W 22 OHM J @UC01 RC06 76011101 CHIP, 1/20W 100 OHM J @U104 76011220 CHIP, 1/20W 22 OHM J @UC01 RC07 76011101 CHIP, 1/20W 100 OHM J @U104 76011220 CHIP, 1/20W 22 OHM J @UC01 RC08 76011101 CHIP, 1/20W 100 OHM J @U104 |