| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
76232103 bảng dữ liệu(PDF) 18 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
76232103 bảng dữ liệu(HTML) 18 Page - Toshiba Semiconductor |
|
18 / 34 page ![]() – 18 – Location Parts No. Description No. Location Parts No. Description No. C8905 76073002 ELECTROLYTIC, 6.3V 220UF M 3A C8911 76503047 PLASTIC FILM, 63V 0.33UF J C8912 76503047 PLASTIC FILM, 63V 0.33UF J C8921 76073141 ELECTROLYTIC, 10V 1000UF M 3A C8930 76073067 ELECTROLYTIC, 35V 47UF M 3A C8931 76503047 PLASTIC FILM, 63V 0.33UF J C8932 76073152 ELECTROLYTIC, 16V 330UF M 3A C8933 76073069 ELECTROLYTIC, 35V 220UF M 3A C8940 76073067 ELECTROLYTIC, 35V 47UF M 3A C8941 76503047 PLASTIC FILM, 63V 0.33UF J C8942 76073152 ELECTROLYTIC, 16V 330UF M 3A C8943 76073069 ELECTROLYTIC, 35V 220UF M 3A CA81 76109333 CERAMIC CHIP, 25V B 0.033UF K CA82 76109123 CERAMIC CHIP, 50V B 0.012UF K CA83 76109103 CERAMIC CHIP, 50V B 0.01UF K CA84 76109333 CERAMIC CHIP, 25V B 0.033UF K CA85 76109273 CERAMIC CHIP, 25V B 0.027UF K CA86 76109123 CERAMIC CHIP, 50V B 0.012UF K CA87 76109123 CERAMIC CHIP, 50V B 0.012UF K CA88 76109333 CERAMIC CHIP, 25V B 0.033UF K CA91 76092730 CERAMIC CHIP, 16V B 0.1UF K CA92 76092730 CERAMIC CHIP, 16V B 0.1UF K CA93 76619040 ELECTROLYTIC CHIP, 16V 10UF M 3A CA94 76619040 ELECTROLYTIC CHIP, 16V 10UF M 3A CA95 76092730 CERAMIC CHIP, 16V B 0.1UF K CA96 76092730 CERAMIC CHIP, 16V B 0.1UF K CA914 76619040 ELECTROLYTIC CHIP, 16V 10UF M 3A CA915 76092730 CERAMIC CHIP, 16V B 0.1UF K CA916 76092730 CERAMIC CHIP, 16V B 0.1UF K CB01 76794470 ELECTROLYTIC, 16V 47UF M CB81 76092730 CERAMIC CHIP, 16V B 0.1UF K CB82 76092730 CERAMIC CHIP, 16V B 0.1UF K CB83 76092730 CERAMIC CHIP, 16V B 0.1UF K CB99 76092730 CERAMIC CHIP, 16V B 0.1UF K CS01 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS02 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS03 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS04 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS05 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS06 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS07 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS08 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS09 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS10 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS11 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS12 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS13 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS14 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS15 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS16 76092795 CERAMIC CHIP, 6.3V B 2.2UF K CS25 76109103 CERAMIC CHIP, 50V B 0.01UF K CS26 76794470 ELECTROLYTIC, 16V 47UF M CS27 76794220 ELECTROLYTIC, 16V 22UF M CS28 76794100 ELECTROLYTIC, 16V 10UF M CS29 76794100 ELECTROLYTIC, 16V 10UF M CS30 76794100 ELECTROLYTIC, 16V 10UF M CV01 76092621 CERAMIC CHIP, 10V B 1UF K CV02 76092621 CERAMIC CHIP, 10V B 1UF K CV03 76092621 CERAMIC CHIP, 10V B 1UF K CV04 76100104 CERAMIC CHIP, 25V F 0.1UF Z CV05 76092621 CERAMIC CHIP, 10V B 1UF K CV06 76092621 CERAMIC CHIP, 10V B 1UF K CV10 76100104 CERAMIC CHIP, 25V F 0.1UF Z CV11 76092621 CERAMIC CHIP, 10V B 1UF K CV13 76100104 CERAMIC CHIP, 25V F 0.1UF Z @U103 76794100 ELECTROLYTIC, 16V 10UF M @UV03 CV14 76092621 CERAMIC CHIP, 10V B 1UF K @U103 76232103 CERAMIC DISC, 50V F 0.01UF Z @UV03 CV15 76100104 CERAMIC CHIP, 25V F 0.1UF Z @U103 76232103 CERAMIC DISC, 50V F 0.01UF Z @UV03 CV27 76762471 ELECTROLYTIC, 10V 470UF M CV29 76763101 ELECTROLYTIC, 16V 100UF M CV30 76092730 CERAMIC CHIP, 16V B 0.1UF K CV38 76109102 CERAMIC CHIP, 50V B 1000PF K CV39 76109102 CERAMIC CHIP, 50V B 1000PF K CV47 76092621 CERAMIC CHIP, 10V B 1UF K CV70 76794101 ELECTROLYTIC, 16V 100UF M CV71 76092621 CERAMIC CHIP, 10V B 1UF K CV72 76794220 ELECTROLYTIC, 16V 22UF M CV245 76092621 CERAMIC CHIP, 10V B 1UF K CV246 76092621 CERAMIC CHIP, 10V B 1UF K CV247 76092621 CERAMIC CHIP, 10V B 1UF K CV249 76092621 CERAMIC CHIP, 10V B 1UF K CV250 76092621 CERAMIC CHIP, 10V B 1UF K CV251 76092621 CERAMIC CHIP, 10V B 1UF K CV253 76092621 CERAMIC CHIP, 10V B 1UF K CV254 76092621 CERAMIC CHIP, 10V B 1UF K CV255 76092621 CERAMIC CHIP, 10V B 1UF K CY101 76092441 CERAMIC CHIP, 16V F 1UF Z CY102 76665221 ELECTROLYTIC, 10V 220UF M 3A @U101 76794101 ELECTROLYTIC, 16V 100UF M @U103 CY103 76100104 CERAMIC CHIP, 25V F 0.1UF Z CY104 76109103 CERAMIC CHIP, 50V B 0.01UF K CY105 76100102 CERAMIC CHIP, 50V F 1000PF Z @U101 76109103 CERAMIC CHIP, 50V B 0.01UF K @U103 CY106 76109103 CERAMIC CHIP, 50V B 0.01UF K CY107 76794100 ELECTROLYTIC, 16V 10UF M CY108 76100104 CERAMIC CHIP, 25V F 0.1UF Z CY109 76105101 CERAMIC CHIP, 50V CH 100PF J CY111 76109103 CERAMIC CHIP, 50V B 0.01UF K CY112 76105181 CERAMIC CHIP, 50V CH 180PF J CY113 76109103 CERAMIC CHIP, 50V B 0.01UF K CY114 76109103 CERAMIC CHIP, 50V B 0.01UF K CY115 76105390 CERAMIC CHIP, 50V CH 39PF J CY116 76105470 CERAMIC CHIP, 50V CH 47PF J CY117 76105180 CERAMIC CHIP, 50V CH 18PF J CY160 76815393 CERAMIC CHIP, 50V B 0.039UF K CY501 76109103 CERAMIC CHIP, 50V B 0.01UF K CY502 76092730 CERAMIC CHIP, 16V B 0.1UF K CY504 76109222 CERAMIC CHIP, 50V B 2200PF K CY505 76105120 CERAMIC CHIP, 50V CH 12PF J CY506 76109103 CERAMIC CHIP, 50V B 0.01UF K CY508 76092730 CERAMIC CHIP, 16V B 0.1UF K CY512 76092463 CERAMIC CHIP, 16V B 0.22UF K CY513 76092730 CERAMIC CHIP, 16V B 0.1UF K CY514 76092730 CERAMIC CHIP, 16V B 0.1UF K CY515 76092730 CERAMIC CHIP, 16V B 0.1UF K CY516 76109103 CERAMIC CHIP, 50V B 0.01UF K CY517 76092731 CERAMIC CHIP, 16V B 1UF K CY524 76092730 CERAMIC CHIP, 16V B 0.1UF K CY525 76092730 CERAMIC CHIP, 16V B 0.1UF K CY526 76092730 CERAMIC CHIP, 16V B 0.1UF K CY538 76761102 ELECTROLYTIC, 6.3V 1000UF M CY539 76794471 ELECTROLYTIC, 16V 470UF M CY540 76794471 ELECTROLYTIC, 16V 470UF M CY541 76761102 ELECTROLYTIC, 6.3V 1000UF M CY582 76105101 CERAMIC CHIP, 50V CH 100PF J RESISTORS R010 76011102 CHIP, 1/20W 1K OHM J R150 76011332 CHIP, 1/20W 3.3K OHM J R151 76011562 CHIP, 1/20W 5.6K OHM J R152 76011103 CHIP, 1/20W 10K OHM J R173 76011103 CHIP, 1/20W 10K OHM J R174 76011273 CHIP, 1/20W 27K OHM J R264 76011750 CHIP, 1/20W 75 OHM J R265 76011750 CHIP, 1/20W 75 OHM J R266 76011750 CHIP, 1/20W 75 OHM J R286 76011750 CHIP, 1/20W 75 OHM J R287 76011750 CHIP, 1/20W 75 OHM J R288 76011750 CHIP, 1/20W 75 OHM J R347 76011101 CHIP, 1/20W 100 OHM J R348 76011101 CHIP, 1/20W 100 OHM J R601 76011822 CHIP, 1/20W 8.2K OHM J R602 76011822 CHIP, 1/20W 8.2K OHM J R603 76011122 CHIP, 1/20W 1.2K OHM J R604 76011122 CHIP, 1/20W 1.2K OHM J R609 76011563 CHIP, 1/20W 56K OHM J R610 76011223 CHIP, 1/20W 22K OHM J R611 76011103 CHIP, 1/20W 10K OHM J R612 76011222 CHIP, 1/20W 2.2K OHM J R613 76011223 CHIP, 1/20W 22K OHM J |