| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
23358564 bảng dữ liệu(PDF) 5 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
23358564 bảng dữ liệu(HTML) 5 Page - Toshiba Semiconductor |
|
5 / 54 page ![]() – 5 – CONVERGENCE ADJUSTMENTS NOTE: Before attempting any convergence adjustments, the receiver should be operated for at least fifteen minutes. s CENTER CONVERGENCE ADJUSTMENT 1. Display built-in cross-dot pattern using the TEST SIG- NAL SELECTION function. 2. Adjust the BRIGHTNESS and CONTRAST Controls for well defined pattern. 3. Loosen the tightening ring and adjust two tabs of the 4-Pole Magnets to change the angle between them (See figure 4.) and superimpose red and blue vertical lines in the center area of the picture screen. (See figure 3.) 4. Turn the both tabs at the same time keeping the con- stant angle to superimpose red and blue horizontal lines at the centre of the screen. (See figure 3.) 5. Adjust two tabs of 6-Pole Magnets to superimpose red/ blue line with green one. Adjusting the angle affects the vertical lines and rotating both magnets affects the horizontal lines. 6. Repeat adjustments 3, 4, 5 keeping in mind red, green and blue movement, because 4-Pole Magnets and 6- Pole magnets interact and make dot movement com- plex. 7. After completing the “CENTER CONVERGENCE AD- JUSTMENT” tighten the tightening ring to fix the mag- nets. Figure 3. s Xv COIL ADJUSTMENT Adjust the Xv coil (on the deflection yoke) to correct misconvergence at both sides on screen. Use a hexagonal tip stick (plastic) to adjust the core of coil. BLU BLU RED RED 6-POLE MAGNETS MOVEMENT 4-POLE MAGNETS MOVEMENT RED/BLUE RED/BLUE GRN GRN Center Convergence by Convergence Magnets R B B R B R R B Clockwise Adjustment Counterclockwise Adjustment Xv Cross Pattern View s SCREEN-CORNER CONVERGENCE When the misconvergence is still evident on corners even though the above adjustment is done, use the ferrite sheet (Part No. 23993622) to correct misconvergence. 1. Put ferrite sheets into the space under the yoke. Decide such position that misconvergence becomes minimum, watching picture screen. (See figure below.) 2. Remove cover paper of ferrite sheet to stick it in the place on the tube. Put adhesive tapes on ferrite sheets to fix. Figure 4. Ferrite Sheets Ferrite Sheets For correcting misconvergence on the position A A 4-POLE MAGNETS 6-POLE MAGNETS PURITY MAGNETS PURITY/CONVERGENCE MAGNETS ADJUST THE ANGLE (VERTICAL LINES) FIXED ROTATE TWO TABS AT THE SAME TIME (HORIZONTAL LINES) ADJUSTMENT OF MAGNETS Clockwise Adjustment Counterclockwise Adjustment XV Cross Pattern View |