| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
23358564 bảng dữ liệu(PDF) 27 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
23358564 bảng dữ liệu(HTML) 27 Page - Toshiba Semiconductor |
|
27 / 109 page ![]() – 27 – Location Parts No. Description No. Location Parts No. Description No. RS109 24011392 CHIP, METAL FILM, 1/20W 3.9K OHM J RS110 24011471 CHIP, METAL FILM, 1/20W 470 OHM J RS112 24011223 CHIP, METAL FILM, 1/20W 22K OHM J RS113 24011392 CHIP, METAL FILM, 1/20W 3.9K OHM J RS114 24011471 CHIP, METAL FILM, 1/20W 470 OHM J RS116 24011223 CHIP, METAL FILM, 1/20W 22K OHM J RS120 24366271 CARBON FILM, 1/6W 270 OHM J RS121 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RS122 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RS123 24011473 CHIP, METAL FILM, 1/20W 47K OHM J RS124 24011102 CHIP, METAL FILM, 1/20W 1K OHM J RS125 24011182 CHIP, METAL FILM, 1/20W 1.8K OHM J (36HFX72) RS125 24011562 CHIP, METAL FILM, 1/20W 5.6K OHM J (36HF72) RS651 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RS652 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RS665 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RS671 24000445 CHIP JUMPER, 1608TYPE RS672 24011273 CHIP, METAL FILM, 1/20W 27K OHM J RS673 24000445 CHIP JUMPER, 1608TYPE RS674 24011273 CHIP, METAL FILM, 1/20W 27K OHM J RS675 24011223 CHIP, METAL FILM, 1/20W 22K OHM J RS676 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RS683 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RS685 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RS686 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RS687 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RV01 24011472 CHIP, METAL FILM, 1/20W 4.7K OHM J RV03 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RV04 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RV11 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RV12 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RV13 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RV15 24011222 CHIP, METAL FILM, 1/20W 2.2K OHM J RV17 24366750 CARBON FILM, 1/6W 75 OHM J RV18 24366750 CARBON FILM, 1/6W 75 OHM J RV19 24366332 CARBON FILM, 1/6W 3.3K OHM J RV24 24011750 CHIP, METAL FILM, 1/20W 75 OHM J RV25 24011750 CHIP, METAL FILM, 1/20W 75 OHM J RV26 24011750 CHIP, METAL FILM, 1/20W 75 OHM J RV30 24011182 CHIP, METAL FILM, 1/20W 1.8K OHM J RV31 24011332 CHIP, METAL FILM, 1/20W 3.3K OHM J RV56 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RV62 24871331 CHIP, METAL FILM, 1/8W 330 OHM J RV63 24011102 CHIP, METAL FILM, 1/20W 1K OHM J RV64 24011750 CHIP, METAL FILM, 1/20W 75 OHM J RV65 24011750 CHIP, METAL FILM, 1/20W 75 OHM J RV67 24011750 CHIP, METAL FILM, 1/20W 75 OHM J RV72 24011221 CHIP, METAL FILM, 1/20W 220 OHM J RV74 24011750 CHIP, METAL FILM, 1/20W 75 OHM J RV78 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RV79 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RV83 24011332 CHIP, METAL FILM, 1/20W 3.3K OHM J RV84 24011750 CHIP, METAL FILM, 1/20W 75 OHM J RV89 24011620 METAL FILM CHIP 1/20W 62 J RV90 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RV91 24011392 CHIP, METAL FILM, 1/20W 3.9K OHM J RV92 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RV93 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RV94 24011392 CHIP, METAL FILM, 1/20W 3.9K OHM J RV95 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RV96 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RV97 24011392 CHIP, METAL FILM, 1/20W 3.9K OHM J RV98 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RV111 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RV117 24011750 CHIP, METAL FILM, 1/20W 75 OHM J RV118 24011750 CHIP, METAL FILM, 1/20W 75 OHM J RV119 24011750 CHIP, METAL FILM, 1/20W 75 OHM J RV120 24366750 CARBON FILM, 1/6W 75 OHM J RV121 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RV131 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RV178 24011152 CHIP, METAL FILM, 1/20W 1.5K OHM J RV179 24011472 CHIP, METAL FILM, 1/20W 4.7K OHM J RV180 24011472 CHIP, METAL FILM, 1/20W 4.7K OHM J RV181 24011222 CHIP, METAL FILM, 1/20W 2.2K OHM J RV182 24011222 CHIP, METAL FILM, 1/20W 2.2K OHM J RV183 24011222 CHIP, METAL FILM, 1/20W 2.2K OHM J RV184 24011182 CHIP, METAL FILM, 1/20W 1.8K OHM J RV185 24011182 CHIP, METAL FILM, 1/20W 1.8K OHM J RV186 24011182 CHIP, METAL FILM, 1/20W 1.8K OHM J RV301 24011750 CHIP, METAL FILM, 1/20W 75 OHM J RV319 24011332 CHIP, METAL FILM, 1/20W 3.3K OHM J RV700 24011472 CHIP, METAL FILM, 1/20W 4.7K OHM J RV850 24871331 CHIP, METAL FILM, 1/8W 330 OHM J RV870 24871331 CHIP, METAL FILM, 1/8W 330 OHM J RW10 24011102 CHIP, METAL FILM, 1/20W 1K OHM J RW30 24011102 CHIP, METAL FILM, 1/20W 1K OHM J RX11 24011221 CHIP, METAL FILM, 1/20W 220 OHM J RX12 24011221 CHIP, METAL FILM, 1/20W 220 OHM J RY83 24011152 CHIP, METAL FILM, 1/20W 1.5K OHM J RY84 24011101 CHIP, METAL FILM, 1/20W 100 OHM J COILS & TRANSFORMERS L101 23289846 COIL, PEAKING, TRF4101AT L103 23289840 COIL, PEAKING, TRF4100AT L104 23103852 COIL, FILTER, TEM2028AH L105 23103852 COIL, FILTER, TEM2028AH L111 23289846 COIL, PEAKING, TRF4101AT L113 23289840 COIL, PEAKING, TRF4100AT L121 23238562 COIL, PEAKING, TRF4109AJ L122 23238562 COIL, PEAKING, TRF4109AJ L301 23103859 COIL, CHOKE, TEM2011 L302 23237975 COIL, PEAKING, TRF4101AC L400 23280022 COIL, PEAKING, TRF4101AZ L401 23280022 COIL, PEAKING, TRF4101AZ L402 23103859 COIL, CHOKE, TEM2011 L404 23103880 COIL, CHOKE, TEM2011Y L409 23248191 COIL, CHOKE, TLN3351AD L410 23248183 COIL, CHOKE, TLN3343AD * L441 23233055 COIL, LIN, TLN2219AG L442 23248282 COIL, CHOKE 17X29H 68MMH, TLN3458AH * L447 23248224 COIL, CHOHE, TLN3435AH L460 23103880 COIL, CHOKE, TEM2011Y * L461 23248115 COIL, CHOKE, TLN3367D L463 23103880 COIL, CHOKE, TEM2011Y L464 23103880 COIL, CHOKE, TEM2011Y L491 23228784 TRANSFORMER, DPC 16.4UH, TPC1015AH L499 23248026 COIL, CHOKE, TLN3269D L501 23289470 COIL, PEAKING, TRF4470AF L503 23289470 COIL, PEAKING, TRF4470AF L702 23261974 COIL, FERRITE BEAD, HC5-035 L704 23103859 COIL, CHOKE, TEM2011 L705 23103859 COIL, CHOKE, TEM2011 L706 23237987 COIL, PEAKING, TRF4100AC L805 23248227 COIL, CHOKE, TLN3481AD L806 23248227 COIL, CHOKE, TLN3481AD L833 23248320 CHOKE 15X23H 100MMH 2.5A L834 23280018 COIL, PEAKING, TRF4220AZ L835 23248157 COIL, CHOKE, TLN3433AD |