công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

24666100 bảng dữ liệu(PDF) 4 Page - Toshiba Semiconductor

tên linh kiện 24666100
Giải thích chi tiết về linh kiện  COLOR TELEVISION N1PS Chassis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24666100 bảng dữ liệu(HTML) 4 Page - Toshiba Semiconductor

  24666100 Datasheet HTML 1Page - Toshiba Semiconductor 24666100 Datasheet HTML 2Page - Toshiba Semiconductor 24666100 Datasheet HTML 3Page - Toshiba Semiconductor 24666100 Datasheet HTML 4Page - Toshiba Semiconductor 24666100 Datasheet HTML 5Page - Toshiba Semiconductor 24666100 Datasheet HTML 6Page - Toshiba Semiconductor 24666100 Datasheet HTML 7Page - Toshiba Semiconductor 24666100 Datasheet HTML 8Page - Toshiba Semiconductor 24666100 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
– 4 –
WARNING: BEFORE SERVICING THIS CHASSIS, READ THE “X-RAY RADIATION PRECAUTION”, “SAFETY PRECAU-
TION” AND “PRODUCT SAFETY NOTICE” ON PAGE 3 OF THIS MANUAL.
SET-UP ADJUSTMENT
s The following adjustments should be made when a complete realignment is required or a new picture tube is installed.
Perform the adjustments in order as follows :
1. Color Purity
2. Convergence
3. White Balance
Note: 1. The PURITY/CONVERGENCE MAGNET assembly and rubber wedges need mechanical positioning.
Refer to figure 1.
2. Mounting position of the purity magnet assembly should fit to same position as old one because slightly difference
to the position depend on a kind of tube.
* There are no adjustment of purity and convergence in some picture tube (Unified with purity magnet)
COLOR PURITY ADJUSTMENT
NOTE : Before attempting any purity adjustments, the
receiver should be operated for at least fifteen
minutes.
1. Evenly degauss the entire screen.
2. Set the CONTRAST and BRIGHTNESS Controls to
the maximum.
3. Display built-in green raster using the TEST SIGNAL
SELECTION function.
4. Loosen the clamp screw holding the deflection yoke
(and remove the rubber Wedges).
5. Slide the yoke forward or backward to provide vertical
green belt (zone) in the picture screen.
6. Rotate and spread the tabs of the purity magnet (See
figure 4.) around the neck of the picture tube until the
green belt is in the center of the screen. At the same
time, center the raster vertically by adjusting the mag-
net as shown below.
7. Move the yoke slowly forward or backward until a uni-
form green screen is obtained.Tighten the clamp screw
of the yoke temporarily.
8. Check the purity of the red and blue raster.
9. Put four wedges into the space between the picture
tube and the yoke to hold the yoke in the adjusted
position. (See figure 2.)
Do not tilt the yoke by excessive insertion of the wedge.
10. Remove cover paper of wedge and stick wedges on
the tube to fix the yoke in the adjusted position.
Fix the wedges with glass cloth tapes.
Green Belt
DEFLECTION YOKE
1-5/8”
PURITY/
CONV.
MAGNET
Xv Coil
Adhesive
RUBBER WEDGES
DEFLECTION
YOKE
Figure 2.
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com