| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSV bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 187 page ![]() 2.6 Adaptive self-configuration (ASC) The LSM6DSV supports the adaptive self-configuration (ASC) feature, which allows the FSM to automatically reconfigure the device in real time based on the detection of a specific motion pattern, without any intervention from the host processor. The FSM can write a subset of the device registers using the SETR command, which allows indicating the register address and the new value to be written in such a register. The access to these device registers is mutually exclusive to the host. LSM6DSV Adaptive self-configuration (ASC) DS13476 - Rev 2 page 6/187 |