| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DST bảng dữ liệu(PDF) 162 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DST bảng dữ liệu(HTML) 162 Page - STMicroelectronics |
|
162 / 180 page ![]() Sensor hub register mapping LSM6DST 162/180 DocID033525 Rev 2 Registers marked as Reserved must not be changed. Writing to those registers may cause permanent damage to the device. The content of the registers that are loaded at boot should not be changed. They contain the factory calibration values. Their content is automatically restored when the device is powered up. SLV3_ADD rw 1E 00011110 00000000 SLV3_SUBADD rw 1F 00011111 00000000 SLV3_CONFIG rw 20 00100000 00000000 DATAWRITE_SLV0 rw 21 00100001 00000000 STATUS_MASTER r 22 00100010 output Table 377. Register address map - sensor hub registers Name Type Register address Default Comment Hex Binary |