| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DST bảng dữ liệu(PDF) 157 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DST bảng dữ liệu(HTML) 157 Page - STMicroelectronics |
|
157 / 180 page ![]() DocID033525 Rev 2 157/180 LSM6DST Embedded advanced features register description 180 15.1.11 MAG_CFG_A (D4h) External magnetometer coordinates (Z and Y axes) rotation register (r/w). 15.1.12 MAG_CFG_B (D5h) External magnetometer coordinates (X-axis) rotation register (r/w). Table 356. MAG_CFG_A register 0(1) 1. This bit must be set to ‘0’ for the correct operation of the device. MAG_Y_ AXIS2 MAG_Y_ AXIS1 MAG_Y_ AXIS0 0(1) MAG_Z_ AXIS2 MAG_Z_ AXIS1 MAG_Z_ AXIS0 Table 357. MAG_CFG_A description MAG_Y_AXIS[2:0] Magnetometer Y-axis coordinates rotation (to be aligned to accelerometer/gyroscope axes orientation) (000: Y = Y; (default) 001: Y = -Y; 010: Y = X; 011: Y = -X; 100: Y = -Z; 101: Y = Z; Others: Y = Y) MAG_Z_AXIS[2:0] Magnetometer Z-axis coordinates rotation (to be aligned to accelerometer/gyroscope axes orientation) (000: Z = Y; 001: Z = -Y; 010: Z = X; 011: Z = -X; 100: Z = -Z; 101: Z = Z; (default) Others: Z = Y) Table 358. MAG_CFG_B register 0(1) 1. This bit must be set to ‘0’ for the correct operation of the device. 0(1) 0(1) 0(1) 0(1) MAG_X_ AXIS2 MAG_X_ AXIS1 MAG_X_ AXIS0 Table 359. MAG_CFG_B description MAG_X_AXIS[2:0] Magnetometer X-axis coordinates rotation (to be aligned to accelerometer/gyroscope axes orientation) (000: X = Y; 001: X = -Y; 010: X = X; (default) 011: X = -X; 100: X = -Z; 101: X = Z; Others: X = Y) |