| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSO32TR bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO32TR bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 153 page ![]() Pin description LSM6DSO32 24/153 DocID032891 Rev 1 Table 2. Pin description Pin# Name Mode 1 function Mode 2 function 1 SDO SPI 4-wire interface serial data output (SDO) SPI 4-wire interface serial data output (SDO) SA0 I²C least significant bit of the device address (SA0) MIPI I3CSM least significant bit of the static address (SA0) I²C least significant bit of the device address (SA0) MIPI I3CSM least significant bit of the static address (SA0) 2 SDx Connect to VDDIO or GND I²C serial data master (MSDA) 3 SCx Connect to VDDIO or GND I²C serial clock master (MSCL) 4 INT1 Programmable interrupt 1 / If device is used as MIPI I3CSM pure slave, this pin must be set to ‘1’. Programmable interrupt 1 / If device is used as MIPI I3CSM pure slave, this pin must be set to ‘1’. 5 VDDIO(1) Power supply for I/O pins 6 GND 0 V supply 7 GND 0 V supply 8 VDD(1) Power supply 9 INT2 Programmable interrupt 2 (INT2) / Data enable (DEN) Programmable interrupt 2 (INT2)/ Data enable (DEN)/ I²C master external synchronization signal (MDRDY) 10 NC Leave unconnected(2) Leave unconnected(2) 11 NC Leave unconnected(2) Leave unconnected(2) 12 CS I²C/MIPI I3CSM/SPI mode selection (1: SPI idle mode / I²C/MIPI I3CSM communication enabled; 0: SPI communication mode / I²C/MIPI I3CSM disabled) I²C/MIPI I3CSM/SPI mode selection (1: SPI idle mode / I²C/MIPI I3CSM communication enabled; 0: SPI communication mode / I²C/MIPI I3CSM disabled) 13 SCL I²C/MIPI I3CSM serial clock (SCL) SPI serial port clock (SPC) I²C/MIPI I3CSM serial clock (SCL) SPI serial port clock (SPC) 14 SDA I²C/MIPI I3CSM serial data (SDA) SPI serial data input (SDI) 3-wire interface serial data output (SDO) I²C/MIPI I3CSM serial data (SDA) SPI serial data input (SDI) 3-wire interface serial data output (SDO) 1. Recommended 100 nF filter capacitor. 2. Leave pin electrically unconnected and soldered to PCB. |