| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT232RL bảng dữ liệu(PDF) 27 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT232RL bảng dữ liệu(HTML) 27 Page - Future Technology Devices International Ltd. |
|
27 / 29 page ![]() FT232R USB UART I.C. Datasheet Version 1.04 © Future Technology Devices International Ltd. 2005 Page 27 9. LED Interface Any of the 5 CBUS I/O pins can be configured to drive an LED. The FT232R has 3 options for driving an LED - these are TXLED#, RXLED#, and TX&RXLED#. Figure 19 -Dual LED Configuration TXLED# RXLED# CBUS[0...4] CBUS[0...4] VCCIO 270R 270R TX RX FT232R TX&RXLED# CBUS[0...4] VCCIO 270R LED FT232R Figure 19 illustrates the configuration where one pin is used to indicate transmission of data (TXLED#) and another is used to indicate receiving data (RXLED#). When data is being transmitted or received the respective pins will drive from tri-state to low in order to provide indication on the LEDs of data transfer. A digital one-shot time is used so that even a small percentage of data transfer is visible to the end user. Figure 20 -Single LED Configuration In figure 20 the TX&RXLED CBUS option is used. This option will cause the pin to drive a single LED when data is being transmitted or received by the device. |