| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WWSNWWS3JB1R00 bảng dữ liệu(PDF) 6 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
WWSNWWS3JB1R00 bảng dữ liệu(HTML) 6 Page - Stackpole Electronics, Inc. |
|
6 / 7 page ![]() Rev Date: 11/29/2021 6 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor Stackpole Electronics, Inc. Resistive Product Solutions (Typical performance – for reference only.) RoHS Compliance Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances” (RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as amended by Directive (EU) 2015/863/EU as regards the list of restricted substances. RoHS Compliance Status MWW General Purpose and Precision Leaded Wirewound Resistor - Molded Axial YES 100% Matte Sn Jan-06 06/01 NWW General Purpose and Precision Leaded Wirewound Resistor - Conformal Coated - Non-Inductive Axial YES 100% Matte Sn Jan-06 06/01 WW General Purpose and Precision Leaded Wirewound Resistor - Conformal Coated - Non-Inductive Axial YES 100% Matte Sn Jan-06 06/01 Lead-Free Mfg. Effective Date (Std Product Series) Lead-Free Effective Date Code (YY/WW) Standard Product Series Description Package / Termination Type Standard Series RoHS Compliant Lead-Free Termination Composition Energy Handling Capability |