| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STGAP2SICSCTR bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGAP2SICSCTR bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 22 page ![]() 2 Pin description and connection diagram Figure 3. Pin connection (top view) - Single output and Miller CLAMP option 1 3 2 IN+ GOUT 5 7 6 8 VH 4 VDD GND IN- CLAMP GNDISO Figure 4. Pin connection (top view) - Separated outputs option 1 3 2 IN+ GON 5 7 6 8 VH 4 VDD GND IN- GOFF GNDISO Table 1. Pin Description Pin # Pin Name Type Function Figure 4 Figure 3 1 1 VDD Power Supply Driver logic supply voltage. 2 2 IN+ Logic Input Driver logic input, active high. 3 3 IN- Logic Input Driver logic input, active low. 4 4 GND Power Supply Driver logic ground. 5 5 VH Power Supply Gate driving positive voltage supply. - 6 GOUT Analog Output Sink/Source output. - 7 CLAMP Analog Output Active Miller Clamp. 6 - GON Analog Output Source output. 7 - GOFF Analog Output Sink output. 8 8 GNDISO Power Supply Gate driving Isolated ground. STGAP2SICS Pin description and connection diagram DS13402 - Rev 4 page 3/22 |