| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STG1218 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STG1218 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 29 page ![]() List of figures Figure 1. Pin connections (top view) ............................................................ 2 Figure 2. Block diagram .................................................................... 3 Figure 3. ON-resistance vs. S or D voltage for different power supply voltage............................... 11 Figure 4. ON-resistance vs. power supply voltage.................................................. 11 Figure 5. ON-resistance vs. S or D voltage for VDD / VSS = 4.5 V/0 V .................................... 11 Figure 6. ON-resistance vs. S or D voltage for VDD / VSS = 5 V/0 V...................................... 11 Figure 7. ON-resistance vs. S or D voltage for VDD/ VSS = 3 V/-8 V...................................... 12 Figure 8. ON-resistance vs. S or D voltage for VDD/ VSS = 3 V/-12 V..................................... 12 Figure 9. ON-resistance vs. S or D voltage for VDD/ VSS = 5 V/-10.5 V ................................... 12 Figure 10. IDD vs. logic voltage at 25 °C, VSelect swept for two switches, the two others left grounded ............... 12 Figure 11. ISS vs. logic voltage at 25 °C, VSelect swept for two switches, the two others left grounded ............... 13 Figure 12. IDD vs. logic voltage at -40 °C, VSelect swept for two switches, the two others left grounded .............. 13 Figure 13. ISS vs. logic voltage at -40 °C, VSelect swept for two switches, the two others left grounded............... 13 Figure 14. IDD vs. logic voltage at 125 °C, VSelect swept for two switches, the two others left grounded .............. 13 Figure 15. ISS vs. logic voltage at 125 °C, VSelect swept for two switches, the two others left grounded .............. 14 Figure 16. Leakage currents at 25 °C ........................................................... 14 Figure 17. Leakage currents at -40 °C .......................................................... 14 Figure 18. Leakage currents at 125 °C .......................................................... 14 Figure 19. TONS1(SEL) vs. temperature.......................................................... 15 Figure 20. TONS2(SEL) vs. temperature.......................................................... 15 Figure 21. TOFFS1(SEL) vs. temperature ......................................................... 15 Figure 22. TOFFS2(SEL) vs. temperature ......................................................... 15 Figure 23. Bandwidth ...................................................................... 15 Figure 24. OFF isolation .................................................................... 15 Figure 25. Crosstalk ....................................................................... 16 Figure 26. Input threshold voltage test circuit ...................................................... 17 Figure 27. Input threshold ................................................................... 17 Figure 28. Control input leakage current test circuit.................................................. 17 Figure 29. ON-resistance, flatness and mismatch test circuit ........................................... 17 Figure 30. OFF and ON leakage currents test circuit................................................. 17 Figure 31. OFF leakage current test circuit ....................................................... 17 Figure 32. Propagation delay test circuit ......................................................... 18 Figure 33. Propagation delay timing ............................................................ 18 Figure 34. Turn-on time, turn-off time and skew on SEL pin and charge injection test circuit...................... 18 Figure 35. Turn-on time and turn-off time on SEL pin timing ............................................ 18 Figure 36. Charge injection timing ............................................................. 18 Figure 37. Turn-on time, turn-off time on INH pin test circuit ............................................ 18 Figure 38. Turn-on time, turn-off time on INH pin timing............................................... 19 Figure 39. Break before make test circuit......................................................... 19 Figure 40. Break before make timing ........................................................... 19 Figure 41. OFF isolation test circuit ............................................................ 19 Figure 42. Crosstalk test circuit ............................................................... 19 Figure 43. Bandwidth test circuit............................................................... 19 Figure 44. CSON test circuit .................................................................. 20 Figure 45. CSOFF test circuit ................................................................. 20 Figure 46. CDON test circuit .................................................................. 20 Figure 47. QFN20 (4x4 mm) package outline ...................................................... 22 Figure 48. QFN20 (4x4 mm) recommended footprint ................................................ 23 STG1218 List of figures DS13729 - Rev 3 page 28/29 |