| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9788TR bảng dữ liệu(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9788TR bảng dữ liệu(HTML) 84 Page - STMicroelectronics |
|
84 / 264 page ![]() Low-side drivers L9788 84/264 DS12308 Rev 4 7.1.3 ON/OFF state - Error in on status diagnosis To avoid unwanted driving of power stages the consistency of gate driving signal with digital command is always monitored inside the device. Each time a turn-on/turn-off signal is output by the logic core its effectiveness is verified comparing it with the status of the output voltage. The main logic can check the consistence between inner logic and actual signal at output pin reading the OpenLoad comparator or Short-To-Ground Comparator according to Table 42. The driver status diagnosis (STA) is activated by the MSC on command, the relative comparator is filtered for Tsta filter time to validate the diagnosis. In case of MOS pre-driver the selected blanking time Tblank is applied before filtering. Note: In case of activation of OVT[17] the STA diagnosis is not available. In case of activation of relative driver OVC the STA diagnosis is available. 7.1.4 OFF state - short load and open load The device provides off-state diagnosis for each driver channel. Simplified schematic of implemented diagnosis is shown in Figure 30. Table 41. Driver status diagnosis Symbol Parameter Test condition Min Typ Max Unit Pin Tsta Driver status diagnosis filter time Tested by scan 30 32.5 35 µs - Table 42. STA diagnosis for drivers STA diagnosis for drivers - INJ,SOL,O2H, RLY, STR in Low-side configuration STR in high-side configuration. MOS pre-driver IGN ON state Detected by STG comparator, if the output pin voltage is higher than VLVT, STA fault is detected Detected by Open load comparator, if the output pin voltage is lower than V_OL, STA fault is detected. Detected by STG comparator, if the MOS_DRN pin voltage is higher than VLVT, STA fault is detected. Same information as STG bit. OFF state (for LS/HS/PDRV) LS_ON state (for IGN) Detected by Open load comparator or Short To Ground comparator. If the output pin voltage is lower than V_OL or lower than VLVT STA fault is detected. Detected by STG comparator, if the output pin voltage is higher than VLVT, STA fault is detected. Detected by Open load comparator, if the MOS_DRN pin voltage is lower than V_OL, STA fault is detected. Not able to detect. STA processing filtering filtering blanking+filtering filtering |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |