công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP22804ASN-13 bảng dữ liệu(PDF) 3 Page - Diodes Incorporated

tên linh kiện AP22804ASN-13
Giải thích chi tiết về linh kiện  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22804ASN-13 bảng dữ liệu(HTML) 3 Page - Diodes Incorporated

  AP22804ASN-13 Datasheet HTML 1Page - Diodes Incorporated AP22804ASN-13 Datasheet HTML 2Page - Diodes Incorporated AP22804ASN-13 Datasheet HTML 3Page - Diodes Incorporated AP22804ASN-13 Datasheet HTML 4Page - Diodes Incorporated AP22804ASN-13 Datasheet HTML 5Page - Diodes Incorporated AP22804ASN-13 Datasheet HTML 6Page - Diodes Incorporated AP22804ASN-13 Datasheet HTML 7Page - Diodes Incorporated AP22804ASN-13 Datasheet HTML 8Page - Diodes Incorporated AP22804ASN-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AP22804 / AP22814
Document number: DS39137 Rev. 3 - 2
3 of 19
www.diodes.com
July 2017
© Diodes Incorporated
AP22804 / AP22814
Absolute Maximum Ratings (@ TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body ESD Protection
2000
V
ESD MM
Machine Model ESD Protection
200
V
VIN
Input Voltage
-0.3 to 6.0
V
VOUT
Output Voltage
-0.3 to (VIN + 0.3)
V
VEN
Enable Voltage
-0.3 to (VIN + 0.3)
V
IL
Load Current
Internal Limited
A
TJ(max)
Maximum Junction Temperature
+150
°C
TST
Storage Temperature
-65 to +150
°C
RJA
Thermal Resistance, Junction to Ambient
MSOP-8
165
°C/W
SOT25 (Note 5)
123
U-DFN2020-6
100
RJC
Thermal Resistance, Junction to Case
MSOP-8
33
°C/W
SOT25 (Note 5)
33
U-DFN2020-6
20
Note:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
5. RJA and RJC are measured at TA = +25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7.
Recommended Operating Conditions (Note 6)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.7
5.5
V
IOUT
Output Current (AP22804)
0
2.5
A
Output Current (AP22814)
0
3.0
A
VIL
EN Input Logic Low Voltage
0
0.5
V
VIH
EN Input Logic High Voltage
1.5
VIN
V
TA
Operating Ambient Temperature
-40
+85
C
Note:
6. Refer to the typical application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com