công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP2401AS-13 bảng dữ liệu(PDF) 11 Page - Diodes Incorporated

tên linh kiện AP2401AS-13
Giải thích chi tiết về linh kiện  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2401AS-13 bảng dữ liệu(HTML) 11 Page - Diodes Incorporated

Back Button AP2401AS-13 Datasheet HTML 7Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 8Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 9Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 10Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 11Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 12Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 13Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 14Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AP2401A/AP2411A
Document number: DS37744 Rev. 1 - 2
11 of 18
www.diodes.com
March 2015
© Diodes Incorporated
AP2401A/AP2411A
Application Information (continued)
Undervoltage Lockout (UVLO)
Undervoltage lockout function (UVLO) keeps the internal power switch from being turned on until the power supply has reached at least 2V, even
if the switch is enabled. Whenever the input voltage falls below approximately 2V, the power switch is quickly turned off. This facilitates the
design of hot-insertion systems where it is not possible to turn off the power switch before input power is removed.
Discharge Function
The discharge function of the device is active when enable is disabled or de-asserted. The discharge function with the N-MOS power switch
implementation is activated and offers a resistive discharge path for the external storage capacitor. This is designed for discharging any residue
of the output voltage when either no external output resistance or load resistance is present at the output.
Dual-Purpose Port Applications
AP2401A/AP2411A is suitable for use in dual-purpose port applications in which a single port is used for data communication between the host
and peripheral devices while simultaneously maintaining a charge to the battery of the peripheral device. An example of this is a shared
HDMI/MHL (Mobile High-definition Link) port that allows streaming video between an HDTV or set-top box and a smartphone or tablet while
maintaining a charge to the smartphone or tablet battery. In such dual-purpose port applications, it is important to insure Vin of the
AP2401A/AP2411A is ramped to its operating voltage prior to enabling the output. Since the AP2401A/AP2411A includes an embedded discharge
feature that discharges the output load of the device when the device is disabled, the batteries of the connected peripheral device will be subject to
continual discharge whenever the AP2401A/AP2411A is disabled. An overstress condition to the device's discharge MOS transistor may result.
Ordering Information
Part
Number
Status
Package
Code
Packaging
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP24X1AS-13
New Product
S
SO-8
2,500/Tape & Reel
-13
AP24X1AM8-13
New Product
M8
MSOP-8
2,500/Tape & Reel
-13
AP24X1AMP-13
New Product
MP
MSOP-8EP
2,500/Tape & Reel
-13
AP24X1AFGE-7
New Product
FGE
U-DFN3030-8
3,000/Tape & Reel
-7
AP24X1ASN-7
Preview
SN
U-DFN2020-6
3,000/Tape & Reel
-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com