| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7707EB bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7707EB bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 7 page ![]() 3 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. 3.1 VFQFPN-64 (9x9x1.0mm) package information Figure 2. VFQFPN-64 (9x9x1.0 mm) package outline 8511068_B_A0ZG A A D (A1) A1 E1 E B B C SECTION C-C SCALE: NONE TERMINAL TIP DETAIL A SCALE: NONE A1 C TERMINAL TIP SEATING PLANE SEE DETAIL A C C C A A2 A1 P P b bbb ddd e 64 2 3 1 A3 E2 D2 0.45 Pin1 ID r 0.20 L L1 64 0.80 DIA. TOP VIEW BOTTOM VIEW 1 2 3 D1 GAPGPS03460 A B C C C ccc eee fff B A C fff 4 x θ L2 b b1 Table 4. VFQFPN-64 (9x9x1.0 mm) package mechanical data Ref. Dimensions in mm Min. Typ. Max. Θ - - 14 A - - 1.0 A1 0.00 - 0.05 A2 0.55 - 0.80 A3 0.20 REF b(1) 0.18 0.25 0.30 TDA7707 Package information DB2481 - Rev 3 page 4/7 |