công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPA003OD-4WX bảng dữ liệu(PDF) 21 Page - STMicroelectronics

tên linh kiện STPA003OD-4WX
Giải thích chi tiết về linh kiện  4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA003OD-4WX bảng dữ liệu(HTML) 21 Page - STMicroelectronics

Back Button STPA003OD-4WX Datasheet HTML 17Page - STMicroelectronics STPA003OD-4WX Datasheet HTML 18Page - STMicroelectronics STPA003OD-4WX Datasheet HTML 19Page - STMicroelectronics STPA003OD-4WX Datasheet HTML 20Page - STMicroelectronics STPA003OD-4WX Datasheet HTML 21Page - STMicroelectronics STPA003OD-4WX Datasheet HTML 22Page - STMicroelectronics STPA003OD-4WX Datasheet HTML 23Page - STMicroelectronics STPA003OD-4WX Datasheet HTML 24Page - STMicroelectronics STPA003OD-4WX Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DS10473 Rev 2
21/25
STPA003
General information
24
5.5
Heat sink definition
Assuming we have a maximum dissipated power of 26 W (e.g. in the worst case situation of
frequent clipping occurrence), considering Tj max is 150 °C and assuming ambient
temperature is 70 °C, the available temperature gap for a correct dissipation is 80 °C.
This means the thermal resistance of the system Rth has to be 80 °C/26 W = 3 °C/W.
The junction to case thermal resistance is 1 °C/W. So the heat sink thermal resistance
should be approximately 2 °C/W. This would avoid any thermal shutdown occurrence even
after long-term and full-volume operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com