| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9918 bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9918 bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 109 page ![]() F_T: Diagnosis flag for thermal fault, 1 bit F_M: Diagnosis flag for mechanical failure, 1 bit F_E: Diagnosis flag for electrical failure, 1 bit DCE5: Duty cycle value of the excitation PWM, 5 bits EXC6: Excitation current measure, 6 bits L1: Diagnosis flag for LIN error, 1 bit L0: Diagnosis flag LIN “communication timeout”, 1 bit 5.3.1.3 Tx Frame 2 version-A Table 14. Identifiers: 0x12 (LIN1), 0x14 (LIN2), 0x21 (LIN3), 0x11 (LIN4) Byte 0 Byte 1 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 AltS AltL DieS DieL AltS: Alternator supplier identification, 3 bits (defined by HER_ID NVM register). AltL: Alternator identification, 5 bits (defined by GEN_ID NVM register). DieS: Chip supplier identification, 3 bits (set to 0x3 by EOL programming). DieL: Chip identification, 5 bits (set to 0x00 by EOL programming). 5.3.1.4 Tx Frame 3 version-A Table 15. Identifiers 0x15 (LIN1), 0x16 (LIN2, LIN4), 0x18 (LIN3) Byte 0 Byte 1 Byte 2 Byte 3 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 DCE5 EXC8 RB X K F_T: Diagnosis flag for thermal fault, 1 bit F_M: Diagnosis flag for mechanical failure, 1 bit F_E: Diagnosis flag for electrical failure, 1 bit DCE5 Duty cycle value of the excitation PWM, 5 bits EXC8: Measured excitation current, 8 bits RB: Confirmation of the selected output variable done in RxFrame Byte 3, 3 bits Selected code = Confirmation code 000: RX byte 3 invalid (all bits set as dominant) 001: Vset point feedback (VSPFBK8 table) 010: Vmeas (BV8 table) 011: Tjunction (TJ8 table) 100: Alt. rotation speed (RPM8 table) 101: 00000000 110: reserved 111: RX byte3 invalid L9918 LIN Frames DS13000 - Rev 2 page 36/109 |