| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9177 bảng dữ liệu(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9177 bảng dữ liệu(HTML) 38 Page - STMicroelectronics |
|
38 / 49 page ![]() Functional description L9177 38/49 DocID17617 Rev 1 4.5.8 VRS diagnosis VRS block enters diagnosis phase on request via SPI and then generates a Fault bit. If the fault exceeds the Tdgc filter time of 30 μs ±20 %, it is latched. The latched fault is cleared on request via SPI. Figure 27. VRS diagnosis I-V relationship 4.6 VRS interface 4.6.1 Function characteristic The flying wheel interface is an interface between the μP and the flying wheel sensor: it conditions signal coming from magnetic pick-up sensor or hall effect sensor and feeds the digital signal to microcontroller that extracts flying wheel rotational position, angular speed and acceleration. Figure 28. VRS typical characteristics Figure 29. VRS interface structure |