| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FDA903D-EHT bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
FDA903D-EHT bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 82 page ![]() Electrical specifications FDA903D 18/82 DocID031502 Rev 2 Figure 10. Efficiency and power dissipation (Vs = 18 V, RL = 1 x 4 Ω, f = 1 kHz sine wave) Figure 11. Efficiency and power dissipation (Vs = 18 V, RL = 1 x 4 Ω, f = 1 kHz pink noise) Figure 12. Efficiency and power dissipation (Vs = 16 V, RL = 1 x 2 Ω, f = 1 kHz sine wave) Figure 13. Efficiency and power dissipation (Vs = 16 V, RL = 1 x 2 Ω, f = 1 kHz pink noise) Figure 14. Efficiency and power dissipation (Vs = 18 V, RL = 1 x 8 Ω, f = 1 kHz sine wave) Figure 15. Efficiency and power dissipation (Vs = 18 V, RL = 1 x 8 Ω, f = 1 kHz pink noise) |